Electronic Components Datasheet Search
  English  ▼

X  

HCPL-653X Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-653X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-653X Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-653X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-653X Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Figure 8. Frequency Response.
Figure 9. Switching Test Circuit.*
*JEDEC Registered Data.
GND
V CC
IF
+5 V
V O
D.U.T.
100
Ω
IF MONITOR
PULSE GEN.
Z O = 50 Ω
tr = 5 ns
C L * = 50 pF
10 % DUTY CYCLE
1/f < 100 µs
R L
NOTES:
* C L INCLUDES PROBE AND STRAY WIRING CAPACITANCE.
BASE LEAD NOT CONNECTED.
SINGLE CHANNEL
OR COMMON V CC DEVICES
GND
V CC
+12 V
V O
(1 M
Ω, 12 pF
TEST INPUT)
D.U.T.
R F
V IN
9.1 k
Ω
SINGLE CHANNEL TESTING,
INDEPENDENT VCC DEVICES
1 k
Ω
2.1 k
Ω
+12 V
Q 1
47 µF
0.01 µF
Q 3
Q 2
0.01 µF
1.2 k
Ω
15 k
Ω
470
Ω
100
Ω
V B
V O
51
Ω
22
Ω
100
Ω
0.1 µF
0.1 µF
TRIM FOR UNITY GAIN
Q 1, Q 2, Q 3: 2N3904
TYPICAL LINEARITY = +3 % AT VIN = 1 V P-P
TYPICAL SNR = 50 dB
TYPICAL R F = 375 Ω
TYPICAL V O dc = 3.8 V
TYPICAL IF = 9 mA
1N4150
GND
V CC
+15 V
V O
D.U.T.
100
Ω
AC INPUT
100
Ω
COMMON
VCC DEVICES
560
Ω
20 k
Ω
+5 V
SET I F
2N3053
1.6 Vdc
0.25 V P-P ac
0.1 µF
0.1
100
+15
-20
f - FREQUENCY - MHz
+10
+5
-5
-15
1.0
10
-10
0
T A = 25 ˚C
INDEPENDENT
V CC DEVICES
COMMON V CC
DEVICES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com