Electronic Components Datasheet Search
  English  ▼

X  

HCPL-653K Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-653K
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-653K Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-653K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-653K Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
MIL-PRF-38534 Class H, Class K, and
DSCC SMD Test Program
Agilent’s Hi-Rel Optocouplers
are in compliance with MIL-
PRF-38534 Classes H and K.
Class H and Class K devices
are also in compliance with
DSCC drawings 5962-87679,
and 5962-90854. Testing
consists of 100% screening and
quality conformance inspection
to MIL-PRF-38534.
Description
The schematic uses a
dualchannel, high-speed
optocoupler (HCPL-5530) to
function as a servo type dc
isolation amplifier. This circuit
operates on the principle that
two optocouplers will track
each other if their gain
changes by the same amount
over a specific operating
region.
Performance of Circuit
• 1% linearity for 10 V peak-
to-peak dynamic range
• Gain drift: -0.03%/°C
• Offset Drift: ± 1 mV/°C
• 25 kHz bandwidth (limited
by Op-Amps U1, U2)
Figure 13. Isolation Amplifier Application Circuit.
VOUT
IF
3
R
1
2
3
4
8
7
6
5
1
IF 2
V IN
U1
2
U 3
-15 V
-
+
-
+
I C
2
-15 V
I CC
6 mA
I C
1
= K 1
I F
1
I
n 1
I C
2
= K 2
I F
2
I
n 2
HCPL-5530
2
U 4
-
+
2
5 k
Ω GAIN ADJUST
R 4 1 kΩ
5
R
5 k
Ω
OFFSET ADJUST
I C
1
220
Ω
R 2
2.7 k
Ω
R 1
2.7 k
Ω
+
U2
-
+
-
U 1 , U 2 , U 3 , U 4 , LM307
50 k
Ω
F
´1
F 2
´



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com