Electronic Components Datasheet Search
  English  ▼

X  

74HC112D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC112D
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC112D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC112D Datasheet HTML 7Page - NXP Semiconductors 74HC112D Datasheet HTML 8Page - NXP Semiconductors 74HC112D Datasheet HTML 9Page - NXP Semiconductors 74HC112D Datasheet HTML 10Page - NXP Semiconductors 74HC112D Datasheet HTML 11Page - NXP Semiconductors 74HC112D Datasheet HTML 12Page - NXP Semiconductors 74HC112D Datasheet HTML 13Page - NXP Semiconductors 74HC112D Datasheet HTML 14Page - NXP Semiconductors 74HC112D Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
1998 Jun 10
12
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
negative-edge trigger
74HC/HCT112
UNIT
A
max.
1
2
b1
cE
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT38-1
92-10-02
95-01-19
A
min.
A
max.
b
max.
w
ME
e 1
1.40
1.14
0.055
0.045
0.53
0.38
0.32
0.23
21.8
21.4
0.86
0.84
6.48
6.20
0.26
0.24
3.9
3.4
0.15
0.13
0.254
2.54
7.62
0.30
8.25
7.80
0.32
0.31
9.5
8.3
0.37
0.33
2.2
0.087
4.7
0.51
3.7
0.15
0.021
0.015
0.013
0.009
0.01
0.10
0.020
0.19
050G09
MO-001AE
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
16
1
9
8
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
D
(1)
Z
DIP16: plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com