Electronic Components Datasheet Search
  English  ▼

X  

SMV1237 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMV1237
Description  Hyperabrupt Tuning Varactors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1237 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1237 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1237 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
January 20, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200058 Rev. C
DATA SHEET • SMV1231–SMV1237
2
CT
CT
CT @ 1 V
CT @ 1 V
RS @ 3 V
Q
Part
CT @ 1 V
@ 3 V
@ 6 V
CT @ 3 V
CT @ 6 V
500 MHz
@ 3 V
Number
(pF)
(pF)
(pF)
(Ratio)
(Ratio)
(
Ω
Ω)
50 MHz
Min.
Max.
Typ.
Typ.
Min.
Max.
Min.
Max.
Max.
Typ.
SMV1231
1.43
1.72
0.97
0.61
1.5
1.8
2.5
2.8
2.90
1500
SMV1232
2.34
2.86
1.5
0.94
1.5
1.9
2.6
3.3
1.50
1400
SMV1233
3.00
3.60
1.8
1.10
1.5
1.9
2.6
3.3
1.20
1200
SMV1234
5.85
7.15
3.6
2.00
1.6
2.0
2.8
3.4
0.80
1000
SMV1235
10.35
12.65
6.4
3.60
1.6
2.0
2.9
3.4
0.60
750
SMV1236
15.50
18.50
9.2
5.30
1.6
2.0
3.0
3.5
0.50
700
SMV1237
45.00
54.00
26.9
14.40
1.6
2.0
3.0
3.5
0.25
500
Electrical Specifications at 25 °C
Tested in -079 package.
Reverse Voltage VR (IR = 10
µA): 15 V minimum.
Reverse Current IR (VR = 12 V): 20 nA maximum.
Single
Single
Single
Common Anode
Common Cathode
Common Anode
Common Cathode
SC-79
SOD-323
SOT-23
SOT-23
SOT-23
SC-70
SC-70
SMV1231-079
SMV1231-011
SMV1231-004
SMV1231-074
Marking: Cathode
Marking: JA
Marking: JA3
Marking: JA3
SMV1231-074LF
Marking: KA3
SMV1232-079
SMV1232-011
SMV1232-004
SMV1232-074
Marking: Cathode
Marking: CC
Marking: CC3
SMV1232-074LF
Marking: DP3
SMV1233-079
SMV1233-011
SMV1233-001
SMV1233-003
SMV1233-004
SMV1233-073
SMV1233-074
Marking: Cathode
Marking: VP
Marking: VP1
Marking: VP9
Marking: VP3
Marking: VP9
Marking: VP3
SMV1233-011LF
Marking: DP
SMV1234-079
SMV1234-011
SMV1234-001
SMV1234-003
SMV1234-004
SMV1234-073
SMV1234-074
Marking: Cathode
Marking: VQ
Marking: VQ1
Marking: VQ9
Marking: VQ3
Marking: VQ9
Marking: VQ3
SMV1234-079LF
SMV1234-011LF
Marking: Cathode
Marking: DQ
SMV1235-079
SMV1235-011
SMV1235-001
SMV1235-004
SMV1235-074
Marking: Cathode
Marking: VR
Marking: VR1
Marking: VR3
Marking: VR3
SMV1235-004LF
Marking: DR3
SMV1235-011LF
Marking: DR
SMV1236-079
SMV1236-011
SMV1236-001
SMV1236-004
SMV1236-074
Marking: Cathode
Marking: AQ
Marking: AQ1
Marking: AQ3
Marking: AQ3
SMV1236-079LF
SMV1236-011LF
SMV1236-004LF
Marking: Cathode
Marking: DQ
Marking: EQ3
SMV1237-001
SMV1237-004
SMV1237-074
Marking: VT1
Marking: VT3
Marking: VT3
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.4 nH
LS = 1.4 nH
LF denotes lead (Pb)-free packaging option as an alternative to our standard
tin/lead (Sn/Pb) packaging.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com