Electronic Components Datasheet Search
  English  ▼

X  

74HC147 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC147
Description  10-to-4 line priority encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC147 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC147 Datasheet HTML 10Page - NXP Semiconductors 74HC147 Datasheet HTML 11Page - NXP Semiconductors 74HC147 Datasheet HTML 12Page - NXP Semiconductors 74HC147 Datasheet HTML 13Page - NXP Semiconductors 74HC147 Datasheet HTML 14Page - NXP Semiconductors 74HC147 Datasheet HTML 15Page - NXP Semiconductors 74HC147 Datasheet HTML 16Page - NXP Semiconductors 74HC147 Datasheet HTML 17Page - NXP Semiconductors 74HC147 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
2003 Oct 30
14
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
handbook, halfpage
0
2.0
50
0
10
20
30
40
0.4
0.8
1.2
1.6
MNA846
ICC
(
µA)
VI (V)
Fig.9 Typical 74HC14 transfer characteristics.
VCC =2V.
handbook, halfpage
05
1.0
0
0.2
0.4
0.6
0.8
12
3
4
MNA847
ICC
(mA)
VI (V)
Fig.10 Typical 74HC14 transfer characteristics.
VCC = 4.5 V.
handbook, halfpage
0
6.0
ICC
(mA)
VI (V)
1.0
0
0.2
0.4
0.6
0.8
1.2
2.4
3.6
4.8
MNA848
Fig.11 Typical 74HC14 transfer characteristics.
VCC =6V.
handbook, halfpage
05
1.5
0
0.3
0.6
0.9
1.2
12
3
4
MNA849
ICC
(mA)
VI (V)
Fig.12 Typical 74HCT14 transfer characteristics.
VCC = 4.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com