Electronic Components Datasheet Search
  English  ▼

X  

HC123 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HC123
Description  Dual retriggerable monostable multivibrator with reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HC123 Datasheet(HTML) 2 Page - NXP Semiconductors

  HC123 Datasheet HTML 1Page - NXP Semiconductors HC123 Datasheet HTML 2Page - NXP Semiconductors HC123 Datasheet HTML 3Page - NXP Semiconductors HC123 Datasheet HTML 4Page - NXP Semiconductors HC123 Datasheet HTML 5Page - NXP Semiconductors HC123 Datasheet HTML 6Page - NXP Semiconductors HC123 Datasheet HTML 7Page - NXP Semiconductors HC123 Datasheet HTML 8Page - NXP Semiconductors HC123 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1998 Jul 08
2
Philips Semiconductors
Product specification
Dual retriggerable monostable
multivibrator with reset
74HC/HCT123
FEATURES
• DC triggered from active HIGH or
active LOW inputs
• Retriggerable for very long pulses
up to 100% duty factor
• Direct reset terminates output
pulse
• Schmitt-trigger action on all inputs
except for the reset input
• Output capability: standard (except
for nREXT/CEXT)
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT123 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard no.
7A.
The 74HC/HCT123 are dual
retriggerable monostable
multivibrators with output pulse width
control by three methods. The basic
pulse time is programmed by
selection of an external resistor
(REXT) and capacitor (CEXT). The
external resistor and capacitor are
normally connected as shown in
Fig.6.
Once triggered, the basic output
pulse width may be extended by
retriggering the gated active
LOW-going edge input (nA) or the
active HIGH-going edge input (nB).
By repeating this process, the output
pulse period (nQ = HIGH, nQ = LOW)
can be made as long as desired.
Alternatively an output delay can be
terminated at any time by a
LOW-going edge on input nRD, which
also inhibits the triggering.
An internal connection from nRD to
the input gates makes it possible to
trigger the circuit by a positive-going
signal at input nRD as shown in the
function table. Figures 7 and 8
illustrate pulse control by retriggering
and early reset. The basic output
pulse width is essentially determined
by the values of the external timing
components REXT and CEXT. For
pulse widths, when CEXT < 10 000 pF,
see Fig.9.
When CEXT > 10 000 pF, the typical
output pulse width is defined as:
tW = 0.45 × REXT × CEXT (typ.),
where:
tW
= pulse width in ns;
REXT = external resistor in kΩ;
CEXT = external capacitor in pF.
Schmitt-trigger action in the nA and
nB inputs, makes the circuit highly
tolerant to slower input rise and fall
times.
The ‘123’ is identical to the ‘423’ but
can be triggered via the reset input.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) + 0.75 × CEXT
× VCC2 × fo + D × 16 × VCC where:
fi = input frequency in MHz
fo = output frequency in MHz
D = duty factor in %
CL = output load capacitance in pF
VCC = supply voltage in V
CEXT = timing capacitance in pF
∑ (CL × VCC2 × fo) sum of outputs
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL =15pF;
VCC =5V;
REXT =5kΩ;
CEXT =0pF
nA, nB to nQ, nQ26
26
ns
nRD to nQ, nQ
20
23
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per
monostable
notes 1 and 2
54
56
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com