Electronic Components Datasheet Search
  English  ▼

X  

DS9643 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9643
Description  Dual TTL to MOS/CCD Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9643 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS9643 Datasheet HTML 1Page - National Semiconductor (TI) DS9643 Datasheet HTML 2Page - National Semiconductor (TI) DS9643 Datasheet HTML 3Page - National Semiconductor (TI) DS9643 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature Range
b
65 Cto a150 C
Operating Temperature Range
0 Cto a70 C
Lead Temperature
Molded DIP (soldering 10 sec)
265 C
Maximum Power Dissipation at 25 C
Molded Package
930 mW
Supply Voltage
Range of VCC1
b
05V to a70V
Range of VCC2
b
05V to a15V
Input Voltage
55V
Derate molded DIP package 75 mW C above 25 C
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (VCC1)
475
50
525
V
Supply Voltage (VCC2)
114
12
126
V
Operating Temperature (TA)
0
25
70
C
Electrical Characteristics
over recommended operating temperatures and VCC1 VCC2 ranges unless otherwise specified (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input Voltage HIGH
20
V
VIL
Input Voltage LOW
08
V
VOH
Output Voltage HIGH
IOH eb400 mAVCC2 b 05
VCC2 b 02
V
VOL
Output Voltage LOW
IOL e 10 mA
04
05
V
IOL e 10 mA
02
03
II
Input Current at Maximum
VCC1 e 525V VCC2 e 114V
01
mA
Input Voltage
VI e 525V
IIH
Input Current HIGH
VI e 24V
A Inputs
40
m
A
E Inputs
80
IIL
Input Current LOW
VI e 04V
A Inputs
b
05
mA
E Inputs
b
10
ICC1(L)
Supply Current from VCC1
VCC1 e 525V
15
19
mA
All Outputs LOW
VCC2 e 126V
ICC2(L)
Supply Current from VCC2
VCC1 e 525V
55
95
mA
All Outputs LOW
VCC2 e 126V
ICC1(H)
Supply Current from VCC1
VCC1 e 525V
90
13
mA
All Outputs HIGH
VCC2 e 126V
ICC2(H)
Supply Current from VCC2
VCC1 e 525V
55
95
mA
All Outputs HIGH
VCC2 e 126V
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
Unless otherwise specified MinMax limits apply across the 0 Cto a70 C range for the DS9643 All typicals are given for VCC1 e 5V VCC2 e 12V and
TA e 25 C
Note 3
All currents into the device pins are positive all currents out of the device pins are negative All voltages are reference to ground unless otherwise
specified
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com