Electronic Components Datasheet Search
  English  ▼

X  

74HC138DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC138DB
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC138DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC138DB Datasheet HTML 1Page - NXP Semiconductors 74HC138DB Datasheet HTML 2Page - NXP Semiconductors 74HC138DB Datasheet HTML 3Page - NXP Semiconductors 74HC138DB Datasheet HTML 4Page - NXP Semiconductors 74HC138DB Datasheet HTML 5Page - NXP Semiconductors 74HC138DB Datasheet HTML 6Page - NXP Semiconductors 74HC138DB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
September 1993
3
Philips Semiconductors
Product specification
3-to-8 line decoder/demultiplexer; inverting
74HC/HCT138
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 2, 3
A0 to A2
address inputs
4, 5
E1, E2
enable inputs (active LOW)
6E3
enable input (active HIGH)
8
GND
ground (0 V)
15, 14, 13, 12, 11, 10, 9, 7
Y0 to Y7
outputs (active LOW)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
handbook, halfpage
MLB312
A 0
A 1
A 2
1
2
3
15
13
11
7
9
10
12
14
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
4
5
6
E1
E2
E3
Fig.3 IEC logic symbol.
(a)
(b)
Fig.4 Functional diagram.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com