Electronic Components Datasheet Search
  English  ▼

X  

751626 Datasheet(PDF) 1 Page - Alpha Wire

Part # 751626
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

751626 Datasheet(HTML) 1 Page - Alpha Wire

  751626 Datasheet HTML 1Page - Alpha Wire 751626 Datasheet HTML 2Page - Alpha Wire 751626 Datasheet HTML 3Page - Alpha Wire 751626 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 751626
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
16 (26/30) AWG Tinned Copper
0.060
b) Insulation
0.031" Wall, Nom. XLPE
0.122+/- 0.004
(1) Print
EXXXXX 16 AWG XLPE RU AWM 3173 600V 125C
CSA LLXXXXX CL 1251 600V 125C AWM I A/B FT-2
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
1) UL
AWM/STYLE 3173
125°C / 600 VRMS
2) CSA International
AWM I A/B
125°C / 600 VRMS
FT2
CL1251-XLPE
125°C / 600 VRMS
1) EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU and the amending Directive 2015/863/EU of
4 June 2015 regarding the restriction of use of certain hazardous substances
in electrical and electronic equipment.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)


Similar Part No. - 751626

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7516 RENESAS-7516 Datasheet
1Mb / 90P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Bourns Electronic Solut...
7516-RC BOURNS-7516-RC Datasheet
89Kb / 1P
Common Mode Inductors/EMI Filters
logo
FCI connector
75160-102-36LF FCI-CONNECTOR-75160-102-36LF Datasheet
114Kb / 2P
HEADER SR, STR 2.54mm PITCH
logo
List of Unclassifed Man...
75160-150-02LF ETC2-75160-150-02LF Datasheet
114Kb / 2P
HEADER SR,STR 2.54MM PITCH
logo
APM Hexseal Corporation...
75163 APM-75163 Datasheet
1Mb / 6P
SELF-SEALING FASTENERS
More results

Similar Description - 751626

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com