Electronic Components Datasheet Search
  English  ▼

X  

V3020 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # V3020
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3020 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  V3020 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3020 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
R
V3020
Copyright © 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Electrical Characteristics (extended temperature range)
VDD= 5.0V ±10%, VSS = 0V and TA=-40 to +125°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total static supply
ISS
All outputs open, all inputs at VDD
VDD = 3.0V, address 0 = 0
4
µA
Total static supply
ISS
All outputs open, all inputs at VDD
address 0 = 0
7
µA
Dynamic current
ISS
I/O to VSS through 1MΩ
RD = VSS, WR = VDD,
CS = 4 MHz
address 0 = 0, read all 0
300
µA
Input / Output
Input logic low
VIL
1.0
V
Input logic high
VIH
3.5
V
Output logic low
VOL
IOL = 4 mA
0.4
V
Output logic high
VOH
IOH = 4 mA
2.4
V
Input leakage
IIN
0.0 < VIN < 5.0V
0.1
1
µA
Output tri-state leakage on I/O
pin
ITS
CS high, and address 0, bit 0, low
0.1
1
µA
Oscillator
Starting voltage
VSTA
1.2
V
Supply voltage dV/dt (power-
up & power-down)
+85°C ≤ TA ≤ +125°C
0.006
6
V/µs
Input capacitance on XI
CIN
TA = +25°C
13
pF
Output capacitance on XO
COUT
TA = +25°C
9
pF
Series resistance of the
crystal
RS
-40°C ≤ TA ≤ +85°C
90
k
Ω
Start-up time
TSTA
TA = +125°C
1)
10
s
Frequency stability
∆f/f
2.0 ≤ VDD ≤ 5.5V, TA = +25°C
0.3
0.5
ppm/V
Frequency Measurement Mode
Current source on I/O pin
pulsed on/off @ 256 Hz
IONF
CS high, addr.0, bit 0, high
VI/O = 1V
8
25
60
µA
Table 4
1) Analyses done at high temperature with crystal type Micro Crystal CX2V-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com