Electronic Components Datasheet Search
  English  ▼

X  

BMM350 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BMM350
Description  High-performance magnetometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM350 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BMM350 Datasheet HTML 1Page - Bosch Sensortec GmbH BMM350 Datasheet HTML 2Page - Bosch Sensortec GmbH BMM350 Datasheet HTML 3Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bosch Sensortec | BMM350 – High-performance magnetometer
3 | 3
Data & Specification are preliminary and subject to change without notice | | Bosch Sensortec GmbH reserves all rights in the event of industrial property rights.
We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbols are registered trademarks of Robert Bosch GmbH, Germany.
Doc.-Number: BST-BMM350-FL000-00 / Version_1.0_102022
Pin
Name
Description
C3
BYPASS
Connect to ground
C2
CRST
Connect to external 2.2 uF
capacitor, low inductance
C1
VDD
Digital and analog supply, use
decoupling capacitor
B3
VDDIO
IO supply, use decoupling
capacitor
B2
ADSEL
The logic status of ADSEL defines
the LSB to the I2C address.
Connect ADSEL to GND or VDDIO
B1
GND
Analog, digital and IO ground
A3
SCK
I2C / I3C clock
A2
SDA
I2C / I3C data
A1
INT
Interrupt output
The sensor module is housed in a compact 9-pin wafer
level chip scale package (WLCSP) with a footprint of only
1.28 x 1.28 m² and a sensor height of 0.5 mm. Its small
dimensions and its low power consumption allow the
implementation in battery driven devices. The emerging
applications in wearables, industrial areas and home
appliances require a low current consumption and a low
total cost of ownership at the same time.
4 Sensor operation
The BMM350 knows two major modes of operation,
“normal mode” and “forced mode”. The “suspend mode”
brings the device into minimal power consumption, where
settings are retained, and communication is possible while
data conversions are stopped. A set of choices for the
sensors output data rate and signal averaging is available
ranging from ultra-low noise to low power setting to adapt
the sensor to the target application trading noise versus
power consumption.
BMM350 is equipped with an API function which helps
setting the averaging/noise performance. The API checks
for illegal combinations of settings and automatically
chooses the setting with best noise performance.
The BMM350 has built-in-measures to recover from
excessively strong magnetic fields (up to 400 mT) which
would lead to a performance deterioration in competitor
products. This feature is called “field shock recovery”.
Fields of up to 100 times of the measurement range are
tolerated without performance degradation.
5 System compatibility
The BMM350 has been designed for the best possible fit
into modern mobile consumer electronics devices. Besides
the ultra-small footprint and very low power consumption,
the BMM350 has a given range for VDD (1.72 V to 1.98 V)
and VDDIO (1.72 V to 3.6 V) supply voltages.
Headquarters
Bosch Sensortec GmbH
Gerhard-Kindler-Strasse 9
72770 Reutlingen · Germany
Telephone +49 7121 3535 900
Fax +49 7121 3535 909
www.bosch-sensortec.com
Pin configuration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com