Electronic Components Datasheet Search
  English  ▼

X  

EM7602 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM7602
Description  Low Power Clock Oscillator 32768 Hz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM7602 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM7602 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM7602 Datasheet HTML 2Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EM7602
Copyright
 2003, EM Microelectronic-Marin SA
Subject to change without notice
Rev. C, 07/2003
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
Low Power Clock Oscillator 32768 Hz
The World’s Smallest Thermo-Compensated Oscillator
Dimensions
All dimensions in mm typical
Package:
Recommended Solder Pad:
Pin Description:
1 = Output enable or NC
2 = Ground
3 = Frequency Output
4 = V
DD
3
2
1
4
1.2
8.0
1.2
2.4
max
1.75
3.0
3.8
1.8
1.8
5.0
1.8
bottom view
top view
side view
KEY FEATURES
Temperature compensation
Small SMD ceramic package
Low power consumption of 6µA
Tri state output
& BENEFITS
ü Save space and components
ü No more matching of quartz with IC
ü Easy PCB design
ü No more trouble with stray capacitors
ü High shock and vibration resistance
ü No need for external trimming
components
Typical Applications
Clock drivers for Real Time Clocks
Timekeeping in network servers and
computers
Data logger
Electricity, gas and water metering
Portable field communication
Automotive dashboard
High-end mobile phones
Description
EM7602 is a low power, low frequency crystal oscillator, with a three
times better thermal drift than any conventional tuning fork crystal.
It consists of a torsional tuning fork crystal and a CMOS integrated
circuit, both assembled in the same package. It is ideal for applications
requiring a high timekeeping accuracy over full temperature range.
The oscillator are supplied in trays (91 oscillators per tray).
For pick-and-place equipment, the parts are available in 16mm tapes:
7” (178 mm) reel with 1000 oscillators
10” (254 mm) reel with 2000 oscillators
13” (330 mm) reel with 4000 oscillators
Electrical Characteristics at 25°C
Output Frequency
F
32.768
kHz
Frequency tolerance
(note 1)
∆F/F
±30
ppm
Supply voltage
VDD
2.3 – 3.6
V
Current Consumption (typ/max) (note 2)
IDD
6/10
µA
Duty cycle (min/max)
49/51
%
Output voltage (high)
(note 3)
VOH
VDD - 0.4
V
Output voltage (low)
(note 4)
VOL
0.4
V
Output rise time (max)
(note 5)
tr
100
ns
Output fall time (max)
(note 5)
tf
100
ns
Start up time
tstart
1s
Voltage coefficient
±1
ppm/V
Turnover temperature (typ)
T0
20
°C
Temperature coefficient (typ)
β
-0.012
ppm/°C²
Frequency stability (typ)
0°C to +50°C
-20°C to +70°C
-40°C to +85°C
∆F/F
0 to -10
0 to -30
0 to -50
ppm
ppm
ppm
Note 1: Tighter tolerance on request
Note 4: IOL = 0.5mA
Note 2: VDD = 3.3V, no load
Note 5: CL = 15pF, 10% to 90%
Note 3: IOH = -0.5mA
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM7602

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM7604 EMMICRO-EM7604 Datasheet
245Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
EM7604V1SP6B EMMICRO-EM7604V1SP6B Datasheet
245Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
More results

Similar Description - EM7602

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
32.768kHz Low Power Clock Oscillator
XO327 EUROQUARTZ-XO327 Datasheet
142Kb / 1P
Low Power Clock Oscillator
XO3225 EUROQUARTZ-XO3225 Datasheet
207Kb / 1P
Low Power AT-Cut Clock Oscillator
logo
MICORO CRYSTAL SWITZERL...
OM-0100-C8 MICROCRYSTAL-OM-0100-C8 Datasheet
382Kb / 2P
Low Power Clock Oscillator 100.000 kHz
OM-0100-C7 MICROCRYSTAL-OM-0100-C7_17 Datasheet
976Kb / 2P
Low Power Clock Oscillator 100.000 kHz
OM-0100-C8 MICROCRYSTAL-OM-0100-C8_7 Datasheet
955Kb / 2P
Low Power Clock Oscillator 100.000 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8_17 Datasheet
957Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-0100-C7 MICROCRYSTAL-OV-0100-C7_17 Datasheet
1,005Kb / 2P
Low Power Clock Oscillator 100.000 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com