Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  This board contains the different MFP?셲
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

  EM6517 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EMDB65xx
Copyright © 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
7.
SIGNALS NOTES
7.1 VDD
Several jumpers are used
to allow different configurations (run / prog. mode / current meas.).
Capacitor 100nF (decoupling) is placed as close as possible to MCU.
A 47uF capacitor is also used with jumper. It allow to power the application only with this capacitor.
Figure 5: VDD selection
7.2 RESET
Weak pull-down is added. With push-button to force internal reset and available on external
connection (only footprint).
Figure 6: Reset connection
7.3 VSS
Common ground
7.4 TEST
Weak pull-down can be added(only footprint).
7.5 QIN / SDIO AND QOUT/SCLK
A 32768Hz Xtal has to be connected as close as possible to MCU. Near each MCU footprint, a Xtal
footprint is placed. 2 footprints 0805 are present (just in case) for optional Xtal capacitor.
Figure 7: Xtal connections
7.6 VREG AND VREG/VPP
A 100nF is placed between VREG and VSS.
E M 6 5 x x
Q IN
Q O U T
G N D
G N D
EM65xx
RESET
1
0
0
K
GND
VDD
S1
RESET_EXT
RESET_PROG
VDD_APPLI
VDD_MCU
47u
100n
VDD_BAT
VDD_EXT
VDD_PROG
JP12 (3-4)
JP12 (1-2)
JP13
JP14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com