Electronic Components Datasheet Search
  English  ▼

X  

EMTG30 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EMTG30
Description  30KB Ultra Low Cost Flash Smart Card IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMTG30 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EMTG30 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EMTG30 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EMTG30 Datasheet HTML 3Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Theseus
TM Gold 30
EMTG30
EM MICROELECTRONIC - MARIN SA
30KB Ultra Low Cost Flash Smart Card IC
Environment
Voltage Supply Class A, B: 3.0V to 5.0V
± 10%
-25 to +85 °C Operating Temperature
Max supply current 6mA @ 15MHz, Class B
> 4 kV ESD Protection HBM
CPU
Software compatible CMOS 80X51 industry standard
Accelerated architecture with 16 bit CPU performance level
Up to 30 MHz internal CPU clock
Idle Modes
Idle and Stop mode selectable modes
NVM update operation with CPU in idle/halt mode
IO Transmission and Reception with CPU in idle mode
Max Idle current / Clock stopped : 100 uA
Security
Unique chip identification number
Notification of tampering
Internal clock generation
IC operates under regulated voltage
DPA/SPA resistance mechanisms
Under / Over voltage sensors (Vcc)
Memory Control
General Purpose Non Volatile Memory: GPNVM
Secure Memory Management Mechanism
Fast Byte program: 40 us / Byte
GP NVM Page Erase: 2 ms
I/O
ISO 7816-3 compliant electrical interface
ISO 7816-3 compliant interface with T=0 and T=1 protocols
ETU Timer/Counter replacing 8051 T0/T1 Timers
Memories
768 bytes RAM (256B Local RAM + 512B XRAM)
30KB GPNVM (User) = 240 Pages of 128 B
User Code, constant storage (ROM)
User Non Volatile Data storage (EEPROM)
1KB GPNVM (System) = 8 Pages of 128 B
System parameters
Loader extensions
Backup buffer / hard API code
10 years data retention
GPNVM Cycling Endurance > 100 K cycles
BootROM loader T0 and T14 compatible
Boot loader commands set extension capabilities
Chip Forms
8” Wafer sawn or unsawn
Back grinding and distressing options
180 microns max thickness
Modules
Typical Application:
SIM card GSM Phase2 or Phase2+ 16KB
A, B on-chip
Voltage Regulator
ISO 7816-3
Interface 3G
512 Bytes
RAM
SECURITY MODULE
UVD / OVD
DPA / SPA
protections
Random Number
Generator
256 Bytes RAM
Fast Architecture
80X51 Core
Internal VDD
Power-on Reset
Power Management System
30MHz on-chip Oscillator
Controlled Clock Divider
Boot ROM
Loader
30K Bytes
GPNVM User
[ code]
[ data ]
Flexible code / data memory allocation
Secure Memory Management
EMTG30
GPNVM
System (1KB)
ETU Timer
Development tools fully integrated within Keil uVision2/3
DevKit emulator, examples, documentation samples


Similar Part No. - EMTG30

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMTG56 EMMICRO-EMTG56 Datasheet
70Kb / 3P
56KB Ultra Low Cost Flash Smart Card IC
EMTG96 EMMICRO-EMTG96 Datasheet
72Kb / 3P
96kB FLASH Memory Smart Card IC
EMTG96-3G EMMICRO-EMTG96-3G Datasheet
72Kb / 3P
96kB FLASH Memory Smart Card IC
EMTG97-3G EMMICRO-EMTG97-3G Datasheet
52Kb / 4P
97KB Ultra Low Cost Flash Smart Card IC
More results

Similar Description - EMTG30

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMTCG128-3G EMMICRO-EMTCG128-3G Datasheet
187Kb / 3P
128KB Flash Smart Card IC Cryptography Engine
EMTCG256-3G EMMICRO-EMTCG256-3G Datasheet
128Kb / 3P
256KB Flash Smart Card IC Crypto
EMTG56 EMMICRO-EMTG56 Datasheet
70Kb / 3P
56KB Ultra Low Cost Flash Smart Card IC
EMTG96 EMMICRO-EMTG96 Datasheet
72Kb / 3P
96kB FLASH Memory Smart Card IC
EMTG97-3G EMMICRO-EMTG97-3G Datasheet
52Kb / 4P
97KB Ultra Low Cost Flash Smart Card IC
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
Low Cost Smart Card Interface
73S8024RN TERIDIAN-73S8024RN Datasheet
383Kb / 27P
Low Cost Smart Card Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
Low-Cost Smart Card Interface
Rev 2; 6/12
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
Low Cost Smart Card Interface
August 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com