Electronic Components Datasheet Search
  English  ▼

X  

EMTG56 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EMTG56
Description  56KB Ultra Low Cost Flash Smart Card IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMTG56 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EMTG56 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EMTG56 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EMTG56 Datasheet HTML 3Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copyright
© 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Theseus
TM Gold 56
EMTG56
EM MICROELECTRONIC - MARIN SA
Technical Data
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
min
typical
max
Supply Operating Volt
Vcc
-0.3
6
V
Voltage at remaining pin
Vpin
Vss –0.3
Vcc+0.3
V
Power dissipation
Ptot
+60
mW
Storage temperature
IccI
-40
+125
°C
DC Characteristics
Parameter
Symbol
Limit Values
Unit
min
typical
max
Operating temperature
TA
-25
+85
°C
Supply Voltage Class A,B
Vcc
2.7
3 / 5
5.5
V
Supply Current Class B
Icc
6 (Note 1)
mA
Supply Current idle
IccI
200 (Note 2)
μA
Supply Current stopped
IccS
100 (Note 3)
μA
Note 1: The supply current refers to clock frequency of 5 Mhz
Note 2: The supply current at 3.3V and a clock frequency of 1 Mhz, at +25
0C
Note 3: The supply current at 3.3V and +25
oC
IO pin:
Parameter
Symbol
Conditions
min
max
Unit
H input voltage
VIH
IIhmax =±20μA
0.7 * Vcc
Vcc
V
L input voltage
VIL
IIL max =±20μA
-0.3
0.8
V
H output voltage (Note 1)
VOH
IOhmax = +20μA
0.7 * Vcc
Vcc
V
L output voltage
VOL
IOlmax = -1mA
0
0.4
V
Rise Fall Time
tr, tF
CIN = COUT = 30 pF
1
μS
NOTE 1: Assumes 20K
Ω Pull up resistor on interface device
Clock (CLK)
Parameter
Symbol
Condition
Min
Max
Unit
H output voltage
VOH
IOhmax = +20 μA
Vcc-0.7
Vcc
V
L output voltage
VOL
IOlmax = -20μA
0
0.5
V
Rise Fall Time
tr, tF
CIN = COUT = 30 pF
9% CLK
period
Reset(RST)
Parameter
Symbol
Condition
Min
Max
Unit
H output voltage
VOH
IOhmax = +20 μA
Vcc-0.7
Vcc
V
L output voltage
VOL
IOlmax = -20μA
0
0.6
V
Rise Fall Time
tr, tF
CIN = COUT = 30 pF
400
μs
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained
in the Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web
site. EM assumes no responsibility for any errors which may appear in this document, reserves the right to change
devices or specifications detailed herein at any time without notice, and does not make any commitment to update the
information contained herein. No licenses to patents or other intellectual property of EM are granted in connection with
the sale of EM products, expressly or by implications. EM's products are not authorized for use as components in life
support devices or systems.
© EM Microelectronic-Marin SA, 07/05, Rev. A/005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com