Electronic Components Datasheet Search
  English  ▼

X  

EMTG96 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EMTG96
Description  96kB FLASH Memory Smart Card IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMTG96 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EMTG96 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EMTG96 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EMTG96 Datasheet HTML 3Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
Theseus™ Gold 96 3G
EMTG96-3G
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
96kB FLASH Memory Smart Card IC
Environment
Single 3.0V to 5.0V supply
± 10%
-25 to +85
0C operating temperature
Max supply current 10mA
> 4 kV ESD Protection HBM
CPU
Software compatible CMOS 8051 industry
standard
High speed non standard architecture with 16 bit
CPU performance level
Up to 20 MHz internal CPU clock
Idle and stop mode selectable modes
Memory Control
Memory Management Unit (MMU)
Application Secure OS partitioning
EEPROM Erase write control
EEPROM with Flash mode
I/O
ISO 7816-3 compliant electrical interface
ISO 7816-3 compliant reset and response T=0 T=1
protocols
Security
Out of frequency, voltage detection
Unique chip identification number
Notification of tampering
Hardware Random Number Generator
Internal clock generation
DPA/SPA resistance mechanisms
Memories
2048 bytes Ram
64KB OTPROM
32KB EEPROM
10 year data retention
Endurance >100k write cycles
1.5 KB ROM (Bootrom)
Chip forms
Wafer sawn or unsawn
Back grinding and distressing options
180 microns max thickness
Die size < 20 mm
2
Modules
Applications
Mobile communication : Phase 2, 2+, 2.5
Banking
Health, loyalty, membership cards
Figure 1
EM MICROELECTRONIC - MARIN SA
Industry Standard
Accelerated 8051 core
256 bytes local RAM
ISO 7816-3 interface
Clocks
Security interface
Reset and Control
Memory Mapping and Control Interface (MMU)
1792 Bytes RAM
1.5KB Mask ROM
32KB
EEPROM
Charge Pump
64 KB
OTPROM
True Random Number
Generator
Security sensors


Similar Part No. - EMTG96

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMTG97-3G EMMICRO-EMTG97-3G Datasheet
52Kb / 4P
97KB Ultra Low Cost Flash Smart Card IC
More results

Similar Description - EMTG96

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SCT SHARP-LH28F008SCT Datasheet
188Kb / 7P
Smart voltage 8M bit flash memory
LH28F016SCT SHARP-LH28F016SCT Datasheet
867Kb / 17P
Smart voltage 16Mbit Flash Memory
LH28F160S3 SHARP-LH28F160S3 Datasheet
4Mb / 51P
16-MBIT(2MBx8/1MBx16) Smart 3 Flash MEMORY
LH28F320S3NS SHARP-LH28F320S3NS Datasheet
196Kb / 7P
Smart voltage 32Mbit Flash Memory
logo
EM Microelectronic - MA...
EMTCG128-3G EMMICRO-EMTCG128-3G Datasheet
187Kb / 3P
128KB Flash Smart Card IC Cryptography Engine
EMTCG176-3G EMMICRO-EMTCG176-3G Datasheet
64Kb / 3P
176KB Flash Smart Card IC Cryptography Engine
EMTCG256-3G EMMICRO-EMTCG256-3G Datasheet
128Kb / 3P
256KB Flash Smart Card IC Crypto
EMTG30 EMMICRO-EMTG30 Datasheet
70Kb / 3P
30KB Ultra Low Cost Flash Smart Card IC
EMTG56 EMMICRO-EMTG56 Datasheet
70Kb / 3P
56KB Ultra Low Cost Flash Smart Card IC
EMTG97-3G EMMICRO-EMTG97-3G Datasheet
52Kb / 4P
97KB Ultra Low Cost Flash Smart Card IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com