Electronic Components Datasheet Search
  English  ▼

X  

1SS120 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 1SS120
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS120 Datasheet(HTML) 3 Page - Renesas Technology Corp

  1SS120 Datasheet HTML 1Page - Renesas Technology Corp 1SS120 Datasheet HTML 2Page - Renesas Technology Corp 1SS120 Datasheet HTML 3Page - Renesas Technology Corp 1SS120 Datasheet HTML 4Page - Renesas Technology Corp 1SS120 Datasheet HTML 5Page - Renesas Technology Corp 1SS120 Datasheet HTML 6Page - Renesas Technology Corp 1SS120 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev.4.00 Mar 24, 2005 page 1 of 4
1SS120
Silicon Epitaxial Planar Diode for High Speed Switching
REJ03G0565-0400
(Previous: ADE-208-167C)
Rev.4.00
Mar 24, 2005
Features
• Low capacitance. (C = 3.0 pF max)
• Short reverse recovery time. (trr = 3.5 ns max)
• Small glass package (MHD) enables easy mounting and high reliability.
Ordering Information
Type No.
Cathode band
Mark
Package Name
Package Code
(Previous Code)
1SS120
Light Blue
1
MHD
GRZZ0002ZC-A
(MHD)
Pin Arrangement
1
2
Cathode band
1. Cathode
2. Anode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com