Electronic Components Datasheet Search
  English  ▼

X  

74HC161D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC161D
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC161D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC161D Datasheet HTML 4Page - NXP Semiconductors 74HC161D Datasheet HTML 5Page - NXP Semiconductors 74HC161D Datasheet HTML 6Page - NXP Semiconductors 74HC161D Datasheet HTML 7Page - NXP Semiconductors 74HC161D Datasheet HTML 8Page - NXP Semiconductors 74HC161D Datasheet HTML 9Page - NXP Semiconductors 74HC161D Datasheet HTML 10Page - NXP Semiconductors 74HC161D Datasheet HTML 11Page - NXP Semiconductors 74HC161D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
December 1990
12
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; asynchronous reset
74HC/HCT161
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.11 Waveforms showing the set-up and hold times for the input (Dn) and parallel enable input PE.
The shaded areas indicate when the input is permitted to change
for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.12 Waveforms showing the CEP and CET set-up and hold times.
The shaded areas indicate when the input is
permitted to change for predictable output
performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com