Electronic Components Datasheet Search
  English  ▼

X  

74HC160DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC160DB
Description  Presettable synchronous BCD decade counter; asynchronous reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC160DB Datasheet(HTML) 9 Page - NXP Semiconductors

  74HC160DB Datasheet HTML 1Page - NXP Semiconductors 74HC160DB Datasheet HTML 2Page - NXP Semiconductors 74HC160DB Datasheet HTML 3Page - NXP Semiconductors 74HC160DB Datasheet HTML 4Page - NXP Semiconductors 74HC160DB Datasheet HTML 5Page - NXP Semiconductors 74HC160DB Datasheet HTML 6Page - NXP Semiconductors 74HC160DB Datasheet HTML 7Page - NXP Semiconductors 74HC160DB Datasheet HTML 8Page - NXP Semiconductors 74HC160DB Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
December 1990
9
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
counter; asynchronous reset
74HC/HCT160
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min. typ.
max.
min.
max.
min.
max.
tPHL/ tPLH propagation delay
CP to Qn
25
43
54
65
ns
4.5
Fig. 8
tPHL
propagation delay
CP to TC
28
48
60
72
ns
4.5
Fig. 8
tPLH
propagation delay
CP to TC
23
39
49
59
ns
4.5
Fig. 8
tPHL
propagation delay
MR to Qn
27
50
63
75
ns
4.5
Fig. 9
tPHL
propagation delay
MR to TC
30
50
63
75
ns
4.5
Fig. 9
tPHL
propagation delay
CET to TC
17
35
44
53
ns
4.5
Fig. 10
tPLH
propagation delay
CET to TC
9
17
21
26
ns
4.5
Fig. 10
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 8 and 10
tW
clock pulse width
HIGH or LOW
16
8
20
24
ns
4.5
Fig. 8
tW
master reset pulse width
LOW
20
11
25
30
ns
4.5
Fig. 9
trem
removal time
MR to CP
20
9
25
30
ns
4.5
Fig. 9
tsu
set-up time
Dn to CP
18
10
25
30
ns
4.5
Fig. 11
tsu
set-up time
PE to CP
30
18
44
53
ns
4.5
Fig. 11
tsu
set-up time
CEP, CET to CP
50
30
63
75
ns
4.5
Fig. 12
th
hold time
Dn to CP
0
−8
0
0
ns
4.5
Figs 11 and 12
th
hold time
PE to CP
0
−13
0
0
ns
4.5
Figs 11 and 12
th
hold time
CEP, CET to CP
0
−21
0
0
ns
4.5
Figs 11 and 12
fmax
maximum clock pulse
frequency
16
28
13
11
MHz
4.5
Fig. 8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com