Electronic Components Datasheet Search
  English  ▼

X  

74HCT165 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT165
Description  8-bit parallel-in/serial-out shift register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT165 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT165 Datasheet HTML 2Page - NXP Semiconductors 74HCT165 Datasheet HTML 3Page - NXP Semiconductors 74HCT165 Datasheet HTML 4Page - NXP Semiconductors 74HCT165 Datasheet HTML 5Page - NXP Semiconductors 74HCT165 Datasheet HTML 6Page - NXP Semiconductors 74HCT165 Datasheet HTML 7Page - NXP Semiconductors 74HCT165 Datasheet HTML 8Page - NXP Semiconductors 74HCT165 Datasheet HTML 9Page - NXP Semiconductors 74HCT165 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
December 1990
8
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT165
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CE, CP to Q7, Q7
17
34
43
51
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
PL to Q7, Q7
20
40
50
60
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
D7 to Q7, Q7
14
28
35
42
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
16
6
20
24
ns
4.5
Fig.6
tW
parallel load pulse
width; LOW
20
9
25
30
ns
4.5
Fig.6
trem
removal time
PL to CP, CE
20
8
25
30
ns
4.5
Fig.6
tsu
set-up time
Ds to CP, CE
20
2
25
30
ns
4.5
Fig.6
tsu
set-up time
CE to CP; CP to CE
20
7
25
30
ns
4.5
Fig.6
tsu
set-up time
Dn to PL
20
10
25
30
ns
4.5
Fig.6
th
hold time
Ds to CP, CE; Dn to PL
7
−1
9
11
ns
4.5
Fig.6
th
hold time
CE to CP, CP to CE
0
−7
0
0
ns
4.5
Fig.6
fmax
maximum clock pulse
frequency
26
44
21
17
MHz
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com