Electronic Components Datasheet Search
  English  ▼

X  

AMMP-6530 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AMMP-6530
Description  5-30 GHz Image Reject Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMP-6530 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AMMP-6530 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AMMP-6530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
AMMP-6530 Typical Performance [2, 3] (TA= 25°C, Vg= -1V, IF frequency = 1 GHz, Zo=50 Ω)
Symbol
Parameters and Test Conditions
Units
Gate Pumped
Drain Pumped
F
RF
RF Frequency Range
GHz
5 – 30
5 – 30
FLO
LO Frequency Range
GHz
5 – 30
5 – 30
FIF
IF Frequency Range
GHz
DC – 5
DC – 5
Down Conversion
Up Conversion
Down Conversion
PLO
LO Port Pumping Power
dBm
>10
>0
>10
CG
RF to IF Conversion Gain
dB
-10
-15
-8
RL_RF
RF Port Return Loss
dB
5
5
10
RL_LO
LO Port Return Loss
dB
10
10
5
RL_IF
IF Port Return Loss
dB
10
10
10
IR
Image Rejection Ratio
dB
15
15
15
LO-RF Iso.
LO to RF Port Isolation
dB
22
25
22
LO-IF Iso.
LO to IF Port Isolation
dB
25
25
25
RF-IF Iso.
RF to IF Port Isolation
dB
15
15
15
IIP3
Input IP3, Fdelta=100 MHz,
dBm
18
—
10
Prf = -10 dBm, Plo = 15 dBm
P-1
Input Port Power at 1dB gain
dBm
8
—
0
compression point, Plo=+10 dBm
NF
Noise Figure
dB
10
—
12
Notes:
2. Small/Large signal data measured in a fully de-embedded test fixture form T
A = 25°C.
3. Specifications are derived from measurements in a 50
Ω test environment.
AMMP-6530 RF Specifications in Drain Pumped Test Configuration[4, 5, 6, 7]
(TA= 25°C, Vg= -1.0V, PLO= +10 dBm, Zo = 50 Ω)
Symbol
Parameters and Test Conditions
Units
Typ.
Sigma
CG
Conversion Gain
dB
-8
0.5
IR
Image Rejection Ratio
dB
20
1.0
Notes:
4. Pre-assembly into package performance verified 100% on-wafer.
5. 100% on-wafer RF testing is done at RF frequency = 7, 18, and 28 GHz; IF frequency = 2 GHz.
6. This final package part performance is verified by a functional test correlated to actual performance.
7. The external 90 degree hybrid coupler is from M/A-COM: PN 2032-6344-00. Frequency 1.0– 2.0 GHz.
AMMP-6530 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Typ.
I
g
Gate Supply Current (under any RF power drive and temperature)
mA
0
V
g
Gate Supply Operating Voltage
V
-1V
Note:
1. Ambient operational temperature T
A=25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com