Electronic Components Datasheet Search
  English  ▼

X  

73K222AL Datasheet(PDF) 2 Page - TDK Electronics

Part # 73K222AL
Description  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K222AL Datasheet(HTML) 2 Page - TDK Electronics

  73K222AL Datasheet HTML 1Page - TDK Electronics 73K222AL Datasheet HTML 2Page - TDK Electronics 73K222AL Datasheet HTML 3Page - TDK Electronics 73K222AL Datasheet HTML 4Page - TDK Electronics 73K222AL Datasheet HTML 5Page - TDK Electronics 73K222AL Datasheet HTML 6Page - TDK Electronics 73K222AL Datasheet HTML 7Page - TDK Electronics 73K222AL Datasheet HTML 8Page - TDK Electronics 73K222AL Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
2
DESCRIPTION (continued)
The 73K222BL is designed to appear to the systems
designer as a microprocessor peripheral, and will
easily
interface
with
popular
one-chip
microprocessors (80C51 typical) for control of
modem functions through its 8-bit multiplexed
address/data bus. An ALE control line simplifies
address
demultiplexing.
Data
communications
occurs through a separate serial port only.
The 73K222BL is ideal for use in either free standing
or integral system modem products where full-
duplex 1200 bit/s data communications over the 2-
wire switched telephone network is desired. Its high
functionality, low power consumption and efficient
packaging
simplify
design
requirements
and
increase system reliability. A complete modem
requires only the addition of the phone line interface,
a
control
microprocessor,
and
RS-232
level
converter for a typical system.
The 73K222BL is part of TDK Semiconductor’s
K-Series family of single-chip modem products.
These devices allow systems to be configured for
higher speeds and Bell or CCITT operation with only
a single component change.
FUNCTIONAL DESCRIPTION
HYBRID AND RELAY DRIVER
To make designs more cost effective and space
efficient, the 73K222BL includes the 2-wire to 4-wire
hybrid with sufficient drive to interface directly to the
telecom coupling transformers. In addition, an off
hook relay driver with 40 mA drive capability is also
included to allow use of commonly available
mechanical telecom relays.
ASYNCHRONOUS MODE
Data transmission for the DPSK mode requires that
data ultimately be transmitted in a synchronous
fashion. The 73K222BL includes ASYNC/SYNC and
SYNC/ASYNC converters which delete or insert stop
bits in order to transmit data within a ±0.01% rate. In
asynchronous mode the serial data comes from the
TXD pin into the ASYNC/SYNC converter. The
ASYNC/SYNC converter accepts the data provided
on the TXD pin which normally must be 1200 or 600
bit/s +1.0%, -2.5%. The converter will then insert or
delete stop bits in order to output a signal which is
1200 or 600 bit/s ± 0.01% (± 0.01% is required
synchronous data rate accuracy).
The serial data stream from the ASYNC/SYNC
converter is passed through the data scrambler and
onto the analog modulator. The data scrambler can
be
bypassed
under
processor
control
when
unscrambled data must be transmitted. The
ASYNC/SYNC converter and the data scrambler are
bypassed in all FSK modes. If serial input data
contains a break signal through one character
(including start and stop bits) the break will be
extended to at least 2
• N + 3 bits long (where N is
the number of transmitted bits/character).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com