Electronic Components Datasheet Search
  English  ▼

X  

SC7461 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC7461
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7461 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC7461 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Silan
Semiconductors
SC7461
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.2
2002-02-28.
7
KEY DATA
The Key Data has 8 bits (D0~D7) and has the following Key Data Codes. D6 and D7 may be preset to "0", "1".
Key
D0
D1
D2
D3
D4
D5
D6
D7
00
000
0000
11
000
0000
20
100
0000
31
100
0000
40
010
0000
51
010
0000
60
110
0000
71
110
0000
80
001
0000
91
001
0000
10
0
101
0000
11
1
101
0000
12
0
011
0000
13
1
011
0000
14
0
111
0000
15
1
111
0000
16
0
000
1000
17
1
000
1000
18
0
100
1000
19
1
100
1000
20
0
010
1000
21
1
010
1000
22
0
110
1000
23
1
110
1000
24
0
001
1000
25
1
001
1000
26
0
101
1000
27
1
101
1000
28
0
011
1000
29
1
011
1000
30
0
111
1000
31
1
111
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com