Electronic Components Datasheet Search
  English  ▼

X  

74HC161DB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC161DB
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC161DB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC161DB Datasheet HTML 4Page - NXP Semiconductors 74HC161DB Datasheet HTML 5Page - NXP Semiconductors 74HC161DB Datasheet HTML 6Page - NXP Semiconductors 74HC161DB Datasheet HTML 7Page - NXP Semiconductors 74HC161DB Datasheet HTML 8Page - NXP Semiconductors 74HC161DB Datasheet HTML 9Page - NXP Semiconductors 74HC161DB Datasheet HTML 10Page - NXP Semiconductors 74HC161DB Datasheet HTML 11Page - NXP Semiconductors 74HC161DB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
December 1990
10
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; asynchronous reset
74HC/HCT161
tsu
set-up time
Dn to CP
18
8
23
27
ns
4.5
Fig.11
tsu
set-up time
PE to CP
30
17
38
45
ns
4.5
Fig.11
tsu
set-up time
CEP, CET to CP
40
17
50
60
ns
4.5
Fig.12
th
hold time
Dn, PE, CEP,
CET to CP
0
−7
0
0
ns
4.5
Figs 11 and 12
fmax
maximum clock pulse
frequency
23
41
18
15
MHz
4.5
Fig.8
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com