Electronic Components Datasheet Search
  English  ▼

X  

BAS40S Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS40S
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40S Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS40S Datasheet HTML 1Page - Pan Jit International Inc. BAS40S Datasheet HTML 2Page - Pan Jit International Inc. BAS40S Datasheet HTML 3Page - Pan Jit International Inc. BAS40S Datasheet HTML 4Page - Pan Jit International Inc. BAS40S Datasheet HTML 5Page - Pan Jit International Inc. BAS40S Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
BAS40 SERIES
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Breakdown Voltage
V
(BR)
I
R=10 uA
40
--
--
V
Reverse Current
I
R
V
R=25 V--
--
1.0
uA
Forward Voltage
V
F
I
F=1.0mA
I
F=10mA
I
F=40mA
--
--
0.38
0.50
1.00
V
Total Capacitance
C
T
V
R=0V, f=1.0MHZ
--
--
5.0
pF
March 16,2021
BAS40_SERIES-REV.03



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com