Electronic Components Datasheet Search
  English  ▼

X  

CD13001C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CD13001C
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD13001C Datasheet(HTML) 1 Page - Continental Device India Limited

  CD13001C Datasheet HTML 1Page - Continental Device India Limited CD13001C Datasheet HTML 2Page - Continental Device India Limited CD13001C Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001
TO - 92
Plastic Package
ABSOLUTE MAXIMUM RATING (Ta =25ºC )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
500
V
Collector Emitter Voltage
VCEO
400
V
Emitter Base Voltage
VEBO
9.0
V
Collector Current Continuous
IC
0.5
A
Peak (1)
ICM
1.5
Collector Power Dissipation
PC
900
mW
Operating and Storage Junction
Tj, Tstg
- 55 to +150
ºC
Temperature Range
(1) Pulse Test: Pulse Width = 5ms, Duty Cycle<10%
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=100µA, IE=0
500
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
400
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
9V
Collector Cut off Current
ICBO
VCB=500V, IE = 0
100
µA
ICEO
VCE=400V, IB = 0
200
Emitter Cut off Current
IEBO
VEB=9V, IC=0
100
µA
DC Current Gain
hFE*VCE=20V, IC=20mA
10
40
hFE
VCE=10V, IC=0.25mA
5
Collector Emitter Saturation
VCE(sat)
IC=50mA, IB=10mA
0.5
V
Voltage
Base Emitter Saturation Voltage
VBE(sat)
IC=50mA, IB=10mA
1.2
V
Transition Frequency
fT
VCE=20V,IC=20mA,f=1MHz
8
MHz
Fall Time
tf
IC=50mA, IB1= -1B2=5mA
0.3
µs
Storage Time
ts
VCC=45V
1.5
hFE
* Classifications
Note: Product is pre selected in
A
B
C
D
E
F
DC current gain (Groups A to F).
10-15
15-20
20-25
25-30
30-35
35-40
CDIL reserves the right to ship
any of the groups according to
production availability.
MARKING
CD
CD
CD
CD
CD
CD
13001
13001
13001
13001
13001
13001
A
B
C
D
E
F
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CD13001C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD13002 ETC1-CD13002 Datasheet
156Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Rectron Semiconductor
CD13002 RECTRON-CD13002 Datasheet
1Mb / 4P
NPN SILICON PLANAR EPITAXIAL,HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Continental Device Indi...
CD13002 CDIL-CD13002 Datasheet
354Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
CD13003 CDIL-CD13003 Datasheet
108Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Rectron Semiconductor
CD13003 RECTRON-CD13003 Datasheet
410Kb / 4P
NON SILICON POWER TRANSISTOR
More results

Similar Description - CD13001C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com