Electronic Components Datasheet Search
  English  ▼

X  

GDWD824 Datasheet(PDF) 1 Page - Belden Inc.

Part # GDWD824
Description  Outdoor Loose Tube Steel Wire Armour 24 Fibers G652D/G657A1-OS2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GDWD824 Datasheet(HTML) 1 Page - Belden Inc.

  GDWD824 Datasheet HTML 1Page - Belden Inc. GDWD824 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GDWD824
Outdoor Loose Tube Steel Wire Armour 24 Fibers G652D/G657A1-OS2
Product Description
Outdoor Filled Core Steel Wire Armour Double Jacket Rodent Protection Multi Loose Tube Optical Cable 24 x 9/125-G652D/G657A1-OS2 A-DF(ZN)2Y(SR)2Y
Technical Specifications
Product Overview
Construction Type:
Multi Loose Tube
Environmental Space:
Outdoor
Suitable Applications:
For outdoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For outdoor use in networks
for industrial, telecom, cable TV and/or broadcast. Easy to install in ducts, tunnels and trenches and/or tubes. Suitable for Direct Burial.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
Subunit Color
OS2
G652D & G657A1
24
TIA coding (Gxxxxxx.T): Blue, Orange
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White, Red, Black, Yellow, Violet, Pink, Aqua
Central Strength Member: GRP
Cable Core Water Tight:
Yes
Cable Core
Waterblocking:
Waterblocking Aramid Yarns
Bulk Cable Weight:
320 kg/km
SubUnit Specifications
Number of Active
Subunits:
2
Number of Subunit
Positions:
6
Fibers Per Subunit:
12
Subunit Diameter:
0.098 in (2.5 mm)
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Double Jacket
Type of Armor:
Steel Wire
Inner Jacket
Material:
PE - Polyethylene
Outer Jacket Specifications
Outer Jacket
Material
Color Nominal Diameter Ripcord
PE - Polyethylene Black
15.5 mm
No
Optical Characteristics


Similar Part No. - GDWD824

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GDWD812 BELDEN-GDWD812 Datasheet
157Kb / 2P
Outdoor Loose Tube Steel Wire Armour 12 Fibers G652D/G657A1-OS2
11-09-2022
GDWD812.002100 BELDEN-GDWD812.002100 Datasheet
157Kb / 2P
Outdoor Loose Tube Steel Wire Armour 12 Fibers G652D/G657A1-OS2
11-09-2022
GDWD812.004100 BELDEN-GDWD812.004100 Datasheet
157Kb / 2P
Outdoor Loose Tube Steel Wire Armour 12 Fibers G652D/G657A1-OS2
11-09-2022
GDWD848 BELDEN-GDWD848 Datasheet
157Kb / 2P
Outdoor Loose Tube Steel Wire Armour 48 Fibers G652D/G657A1-OS2
11-09-2022
GDWD848.002100 BELDEN-GDWD848.002100 Datasheet
157Kb / 2P
Outdoor Loose Tube Steel Wire Armour 48 Fibers G652D/G657A1-OS2
11-09-2022
More results

Similar Description - GDWD824

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOWB824 BELDEN-GOWB824 Datasheet
155Kb / 2P
Outdoor Double Jacket Central Loose Tube Steel Wire Armour 24 Fibers G652D/G657A1-OS2
2023 Belden, Inc
GBDD832 BELDEN-GBDD832 Datasheet
165Kb / 2P
Outdoor Loose Tube Corrugated Steel Tape armour 32 Fibers G652D/G657A1-OS2
11-09-2022
GBDD836 BELDEN-GBDD836 Datasheet
165Kb / 2P
Outdoor Loose Tube Corrugated Steel Tape armour 36 Fibers G652D/G657A1-OS2
11-09-2022
GBDD848 BELDEN-GBDD848 Datasheet
166Kb / 2P
Outdoor Loose Tube Corrugated Steel Tape armour 48 Fibers G652D/G657A1-OS2
11-09-2022
GBRD824 BELDEN-GBRD824 Datasheet
154Kb / 2P
Outdoor Loose Tube 24 Fibers G652D/G657A1-OS2
11-09-2022
GDAD824 BELDEN-GDAD824 Datasheet
153Kb / 2P
Outdoor Loose Tube 24 Fibers G652D/G657A1-OS2
11-09-2022
GDWD812 BELDEN-GDWD812 Datasheet
157Kb / 2P
Outdoor Loose Tube Steel Wire Armour 12 Fibers G652D/G657A1-OS2
11-09-2022
GDWD848 BELDEN-GDWD848 Datasheet
157Kb / 2P
Outdoor Loose Tube Steel Wire Armour 48 Fibers G652D/G657A1-OS2
11-09-2022
GBCD824 BELDEN-GBCD824 Datasheet
159Kb / 2P
Outdoor Loose Tube Corrugated Steel Tape armour 24 Fibers G652D/G657A1-OS2
11-09-2022
GBCD848 BELDEN-GBCD848 Datasheet
160Kb / 2P
Outdoor Loose Tube Corrugated Steel Tape armour 48 Fibers G652D/G657A1-OS2
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com