Electronic Components Datasheet Search
  English  ▼

X  

UT6MB5 Datasheet(PDF) 3 Page - Rohm

Part # UT6MB5
Description  40V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UT6MB5 Datasheet(HTML) 3 Page - Rohm

  UT6MB5 Datasheet HTML 1Page - Rohm UT6MB5 Datasheet HTML 2Page - Rohm UT6MB5 Datasheet HTML 3Page - Rohm UT6MB5 Datasheet HTML 4Page - Rohm UT6MB5 Datasheet HTML 5Page - Rohm UT6MB5 Datasheet HTML 6Page - Rohm UT6MB5 Datasheet HTML 7Page - Rohm UT6MB5 Datasheet HTML 8Page - Rohm UT6MB5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
UT6MB5
Datasheet
l
lElectrical characteristics (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
150
-
pF
Output capacitance
Coss
VDS = 20V
-
85
-
Reverse transfer capacitance
Crss
f = 1MHz
-
10
-
Turn - on delay time
td(on)*4
VDD ⋍ 20V, VGS = 10V
-
5.0
-
ns
Rise time
tr*4
ID = 2.5A
-
4.7
-
Turn - off delay time
td(off)*4
RL = 8Ω
-
11.0
-
Fall time
tf*4
RG = 10Ω
-
2.7
-
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
265
-
pF
Output capacitance
Coss
VDS = -20V
-
18
-
Reverse transfer capacitance
Crss
f = 1MHz
-
13
-
Turn - on delay time
td(on)*4
VDD ⋍ -20V, VGS = -10V
-
7.4
-
ns
Rise time
tr*4
ID = -1.75A
-
8.5
-
Turn - off delay time
td(off)*4
RL = 11.4Ω
-
42
-
Fall time
tf*4
RG = 10Ω
-
18
-
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
3/19
20230126 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com