Electronic Components Datasheet Search
  English  ▼

X  

74HC182 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC182
Description  Look-ahead carry generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC182 Datasheet(HTML) 8 Page - NXP Semiconductors

  74HC182 Datasheet HTML 1Page - NXP Semiconductors 74HC182 Datasheet HTML 2Page - NXP Semiconductors 74HC182 Datasheet HTML 3Page - NXP Semiconductors 74HC182 Datasheet HTML 4Page - NXP Semiconductors 74HC182 Datasheet HTML 5Page - NXP Semiconductors 74HC182 Datasheet HTML 6Page - NXP Semiconductors 74HC182 Datasheet HTML 7Page - NXP Semiconductors 74HC182 Datasheet HTML 8Page - NXP Semiconductors 74HC182 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
December 1990
8
Philips Semiconductors
Product specification
Look-ahead carry generator
74HC/HCT182
AC WAVEFORMS
APPLICATION INFORMATION
Fig.6 Waveforms showing the input (Pn, Cn, Gn) to any output propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 16-bit ALU two-level look-ahead.
A and B inputs and F outputs of “181” are not shown.
Fig.8 32-bit ALU two-level look-ahead over 16-bit groups.
A and B inputs and F outputs of “181” are not shown.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com