Electronic Components Datasheet Search
  English  ▼

X  

ST25TV Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25TV
Description  Set of ST25TV and ST25TN series NFC tags
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV Datasheet(HTML) 1 Page - STMicroelectronics

  ST25TV Datasheet HTML 1Page - STMicroelectronics ST25TV Datasheet HTML 2Page - STMicroelectronics ST25TV Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
ST25TV02KC 73 mm x 22 mm tamper detect tag
•
ST25TV512C 74 mm x 14 mm PET smart label
•
ST25TV512C 38 mm x 38 mm thermal-transfer printable smart label
•
ST25TN01K 24 mm diameter smart label with AppClip
•
ST25TN512 23 mm x 17 mm smart label
•
ST25TV512C 15 mm diameter small footprint smart label
Description
The ST25-TAG-BAG-EC is a ready-to-use set, containing tags based on NFC Forum
Type 5 (ST25TV512C and ST25TV02KC) and NFC Forum Type 2 (ST25TN512 and
ST25TN01K) tag ICs. These ICs are combined with antennas of different size and
material, with advanced designs (like tamper detect) to address different applications.
The set is intended for evaluation of the ST25TV and ST25TN series NFC tags,
belonging to the ST25T product family, offering long (ISO/IEC 15693) and short
range (ISO/IEC 14443) NFC/RFID tags with advanced features, and memory sizes in
the 512- to 2K-bit range.
For more info on the used devices visit the ST25TV and ST25TN webpages.
Product status link
ST25-TAG-BAG-EC
Set of ST25TV and ST25TN series NFC tags
ST25-TAG-BAG-EC
Data brief
DB4618 - Rev 3 - October 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST25TV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TV02K STMICROELECTRONICS-ST25TV02K Datasheet
1Mb / 90P
NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
Rev 11
ST25TV02K-AD6H3 STMICROELECTRONICS-ST25TV02K-AD6H3 Datasheet
1Mb / 90P
NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
Rev 11
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
ST25TV04KPE6G3 STMICROELECTRONICS-ST25TV04KPE6G3 Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
ST25TV16K STMICROELECTRONICS-ST25TV16K Datasheet
1Mb / 87P
NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
03-Jan-2023
More results

Similar Description - ST25TV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
125 kHz RFID Chip for Cards and Tags
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
NFC for Point of Sale
logo
STMicroelectronics
AN2866 STMICROELECTRONICS-AN2866 Datasheet
295Kb / 24P
RFID tags extract all of their power
15-Jan-2008
STEVAL-ISA161V1 STMICROELECTRONICS-STEVAL-ISA161V1 Datasheet
234Kb / 5P
Full set of protection features
November 2014 Rev 2
logo
Lumins Inc.
EC642 LUMINIS-EC642 Datasheet
392Kb / 3P
Set of three aluminum louvers
EC802 LUMINIS-EC802 Datasheet
434Kb / 5P
Set of three aluminum louvers
EC842 LUMINIS-EC842 Datasheet
377Kb / 3P
Set of three aluminum louvers
logo
STMicroelectronics
ST25-TAG-BAG-UB STMICROELECTRONICS-ST25-TAG-BAG-UB Datasheet
5Mb / 3P
Set of ST25TA and ST25TV series NFC tags
Rev 1 - April 2021
logo
Schneider Electric
KZ32 SCHNEIDER-KZ32 Datasheet
103Kb / 2P
TeSys Mini-VARIO and VARIO - door interlock - set of 5
Feb 10, 2022
logo
NXP Semiconductors
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com