Electronic Components Datasheet Search
  English  ▼

X  

L78M Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78M
Description  Precision 500 mA regulators
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M Datasheet(HTML) 1 Page - STMicroelectronics

  L78M_V01 Datasheet HTML 1Page - STMicroelectronics L78M_V01 Datasheet HTML 2Page - STMicroelectronics L78M_V01 Datasheet HTML 3Page - STMicroelectronics L78M_V01 Datasheet HTML 4Page - STMicroelectronics L78M_V01 Datasheet HTML 5Page - STMicroelectronics L78M_V01 Datasheet HTML 6Page - STMicroelectronics L78M_V01 Datasheet HTML 7Page - STMicroelectronics L78M_V01 Datasheet HTML 8Page - STMicroelectronics L78M_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TO-220FP
IPAK
TO-220
DPAK
Features
•
Output current to 0.5 A
•
Output voltages of 5; 6; 8; 9; 10; 12; 15; 24 V
•
Thermal overload protection
•
Short circuit protection
•
Output transition SOA protection
•
Output voltage tolerance: 2 % (AB and AC versions) or 4 % (C version)
•
Guaranteed in extended temperature range
Description
The L78M series of three-terminal positive regulators is available in TO-220,
TO-220FP, DPAK and IPAK packages and with several fixed output voltages, making
it useful in a wide range of applications. These regulators can provide local on-card
regulation, eliminating the distribution problems associated with single point
regulation. Each type employs internal current limiting, thermal shutdown and safe
area protection, resulting it essentially indestructible. If adequate heat sinking is
provided, they can deliver over 0.5 A output current. Although designed primarily as
fixed voltage regulators, these devices can be used with external components to
obtain adjustable voltage and currents.
Maturity status link
L78M
Precision 500 mA regulators
L78M
Datasheet
DS0425 - Rev 24 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L78M_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
173Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jan-2004
logo
Sanyo Semicon Device
L78M00 SANYO-L78M00 Datasheet
230Kb / 8P
5 to 24V 0.5A 3-Pin Voltage Regulators
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATORS
January 2004
L78M00 STMICROELECTRONICS-L78M00 Datasheet
493Kb / 30P
Positive voltage regulators
29-Nov-2006
L78M00AB STMICROELECTRONICS-L78M00AB Datasheet
203Kb / 17P
PRECISION 500mA REGULATORS
Oct-2003
More results

Similar Description - L78M_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
Precision 500 mA regulators
20-Feb-2008
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ABDT-TR STMICROELECTRONICS-L78M24ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 47P
Precision 500 mA regulators
21-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com