Electronic Components Datasheet Search
  English  ▼

X  

L7805C Datasheet(PDF) 54 Page - STMicroelectronics

Part # L7805C
Description  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805C Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L7805C Datasheet HTML 47Page - STMicroelectronics L7805C Datasheet HTML 48Page - STMicroelectronics L7805C Datasheet HTML 49Page - STMicroelectronics L7805C Datasheet HTML 50Page - STMicroelectronics L7805C Datasheet HTML 51Page - STMicroelectronics L7805C Datasheet HTML 52Page - STMicroelectronics L7805C Datasheet HTML 53Page - STMicroelectronics L7805C Datasheet HTML 54Page - STMicroelectronics L7805C Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
List of figures
Figure 2.
Block diagram .................................................................... 2
Figure 3.
Pin connections (top view) ............................................................ 3
Figure 4.
Schematic diagram ................................................................. 3
Figure 5.
Application circuits ................................................................. 4
Figure 6.
DC parameter..................................................................... 5
Figure 7.
Load regulation.................................................................... 5
Figure 8.
Ripple rejection.................................................................... 5
Figure 9.
Fixed output regulator .............................................................. 22
Figure 10.
Current regulator ................................................................. 23
Figure 11.
Circuit for increasing output voltage..................................................... 23
Figure 12.
Adjustable output regulator (7 to 30 V)................................................... 23
Figure 13.
0.5 to 10 V regulator ............................................................... 24
Figure 14.
High current voltage regulator......................................................... 24
Figure 15.
High output current with short circuit protection ............................................. 24
Figure 16.
Tracking voltage regulator ........................................................... 25
Figure 17.
Split power supply (± 15 V - 1 A) ....................................................... 25
Figure 18.
Negative output voltage circuit ........................................................ 26
Figure 19.
Switching regulator ................................................................ 26
Figure 20.
High input voltage circuit (configuration 1) ................................................ 26
Figure 21.
High input voltage circuit (configuration 2) ................................................ 27
Figure 22.
High input and output voltage ......................................................... 27
Figure 23.
Reducing power dissipation with dropping resistor........................................... 27
Figure 24.
Remote shutdown ................................................................. 28
Figure 25.
Power AM modulator (unity voltage gain, IO ≤ 0.5)........................................... 28
Figure 26.
Adjustable output voltage with temperature compensation ..................................... 28
Figure 27.
Light controllers (VO(min) = VXX + VBE) ................................................... 29
Figure 28.
Protection against input short-circuit with high capacitance loads ................................ 29
Figure 29.
Dropout voltage vs junction temperature ................................................. 30
Figure 30.
Peak output current vs input/output differential voltage........................................ 30
Figure 31.
Supply voltage rejection vs frequency ................................................... 30
Figure 32.
Output voltage vs junction temperature .................................................. 30
Figure 33.
Output impedance vs frequency ....................................................... 31
Figure 34.
Quiescent current vs junction temp...................................................... 31
Figure 35.
Load transient response ............................................................ 31
Figure 36.
Line transient response ............................................................. 31
Figure 37.
Quiescent current vs. input voltage ..................................................... 31
Figure 38.
TO-220 (dual gauge) package outline ................................................... 33
Figure 39.
TO-220 (single gauge) package outline .................................................. 35
Figure 40.
TO-220FP package outline........................................................... 37
Figure 41.
Tube for TO-220 (dual gauge) (mm.) .................................................... 38
Figure 42.
Tube for TO-220 (single gauge) (mm.) ................................................... 39
Figure 43.
DPAK package outline .............................................................. 39
Figure 44.
DPAK recommended footprint (dimensions are in mm)........................................ 41
Figure 45.
D²PAK (SMD 2L STD-ST) type A package outline ........................................... 42
Figure 46.
D²PAK (ASE subcon) type B package outline .............................................. 44
Figure 47.
D²PAK recommended footprint (dimensions are in mm) ....................................... 46
Figure 48.
Tape outline ..................................................................... 47
Figure 49.
Reel outline ..................................................................... 48
L78
List of figures
DS0422 - Rev 36
page 54/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com