Electronic Components Datasheet Search
  English  ▼

X  

78M12 Datasheet(PDF) 19 Page - STMicroelectronics

Part # 78M12
Description  Precision 500 mA regulators
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M12 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button 78M12 Datasheet HTML 15Page - STMicroelectronics 78M12 Datasheet HTML 16Page - STMicroelectronics 78M12 Datasheet HTML 17Page - STMicroelectronics 78M12 Datasheet HTML 18Page - STMicroelectronics 78M12 Datasheet HTML 19Page - STMicroelectronics 78M12 Datasheet HTML 20Page - STMicroelectronics 78M12 Datasheet HTML 21Page - STMicroelectronics 78M12 Datasheet HTML 22Page - STMicroelectronics 78M12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Figure 19. Circuit for increasing output voltage
AMG080320171809MT
IR1 ≥ 5 Id
VO= VXX(1+R2/R1)+IdR2
Figure 20. Adjustable output regulator (7 to 30 V)
AMG080320171811MT
Figure 21. 0.5 to 10 V regulator
VO=VXXR4/R1
AMG080320171812MT
L78M
Design considerations
DS0425 - Rev 24
page 19/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com