Electronic Components Datasheet Search
  English  ▼

X  

74HC175D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC175D
Description  Quad D-type flip-flop with reset; positive-edge trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC175D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC175D Datasheet HTML 1Page - NXP Semiconductors 74HC175D Datasheet HTML 2Page - NXP Semiconductors 74HC175D Datasheet HTML 3Page - NXP Semiconductors 74HC175D Datasheet HTML 4Page - NXP Semiconductors 74HC175D Datasheet HTML 5Page - NXP Semiconductors 74HC175D Datasheet HTML 6Page - NXP Semiconductors 74HC175D Datasheet HTML 7Page - NXP Semiconductors 74HC175D Datasheet HTML 8Page - NXP Semiconductors 74HC175D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1998 Jul 08
3
Philips Semiconductors
Product specification
Quad D-type flip-flop with reset; positive-edge trigger
74HC/HCT175
ORDERING INFORMATION
PIN DESCRIPTION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC175N;
74HCT175N
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HC175D;
74HCT175D
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
74HC175DB;
74HCT175DB
SSOP16
plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1
74HC175PW;
74HCT175PW
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PIN NO.
SYMBOL
NAME AND FUNCTION
1
MR
master reset input (active LOW)
2, 7, 10, 15
Q0 to Q3
flip-flop outputs
3, 6, 11, 14
Q0 to Q3
complementary flip-flop outputs
4, 5, 12, 13
D0 to D3
data inputs
8
GND
ground (0 V)
9
CP
clock input (LOW-to-HIGH, edge-triggered)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com