Electronic Components Datasheet Search
  English  ▼

X  

74HC192 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC192
Description  Presettable synchronous BCD decade up/down counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC192 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC192 Datasheet HTML 3Page - NXP Semiconductors 74HC192 Datasheet HTML 4Page - NXP Semiconductors 74HC192 Datasheet HTML 5Page - NXP Semiconductors 74HC192 Datasheet HTML 6Page - NXP Semiconductors 74HC192 Datasheet HTML 7Page - NXP Semiconductors 74HC192 Datasheet HTML 8Page - NXP Semiconductors 74HC192 Datasheet HTML 9Page - NXP Semiconductors 74HC192 Datasheet HTML 10Page - NXP Semiconductors 74HC192 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
December 1990
7
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT192
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max. min.
max.
tPHL/ tPLH
propagation delay
CPU, CPD to Qn
66
24
19
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
CPU to TCU
33
12
10
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
CPD to TCD
39
14
11
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
PL to Qn
69
25
20
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.9
tPHL
propagation delay
MR to Qn
63
23
18
200
40
34
250
50
43
300
60
51
ns
2.0
4.5
6.0
Fig.10
tPHL
propagation delay
Dn to Qn
91
33
26
275
55
47
345
69
59
415
83
71
ns
2.0
4.5
6.0
Fig.9
tPLH
propagation delay
Dn to Qn
80
29
23
240
48
41
300
60
51
360
72
61
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
PL to TCU,
PL to TCD
102
37
30
315
63
54
395
79
67
475
95
81
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
MR to TCU,
MR to TCD
96
35
28
285
57
48
355
71
60
430
86
73
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
Dn to TCU,
Dn to TCD
83
30
24
290
58
49
365
73
62
435
87
74
ns
2.0
4.5
6.0
Fig.12
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com