Electronic Components Datasheet Search
  English  ▼

X  

SQJ140EP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQJ140EP
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ140EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJ140EP Datasheet HTML 1Page - Vishay Siliconix SQJ140EP Datasheet HTML 2Page - Vishay Siliconix SQJ140EP Datasheet HTML 3Page - Vishay Siliconix SQJ140EP Datasheet HTML 4Page - Vishay Siliconix SQJ140EP Datasheet HTML 5Page - Vishay Siliconix SQJ140EP Datasheet HTML 6Page - Vishay Siliconix SQJ140EP Datasheet HTML 7Page - Vishay Siliconix SQJ140EP Datasheet HTML 8Page - Vishay Siliconix SQJ140EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SQJ140EP
www.vishay.com
Vishay Siliconix
S20-0117-Rev. A, 02-Mar-2020
2
Document Number: 77368
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing
c. Independent of operating temperature
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0, ID = 250 μA
40
-
-
V
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.5
3.0
3.5
Gate-source leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VGS = 0 V
VDS = 40 V
-
-
1
μA
VGS = 0 V
VDS = 40 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 40 V, TJ = 175 °C
-
-
250
On-state drain current a
ID(on)
VGS = 10 V
VDS
≥ 5 V
30
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = 10 V
ID = 15 A
-
0.0017
0.0021
Ω
VGS = 10 V
ID = 15 A, TJ = 125 °C
-
-
0.0032
VGS = 10 V
ID = 15 A, TJ = 175 °C
-
-
0.0037
Forward transconductance b
gfs
VDS = 15 V, ID = 10 A
-
55
-
S
Dynamic b
Input capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
2964
3855
pF
Output capacitance
Coss
-
963
1255
Reverse transfer capacitance
Crss
-48
62
Total gate charge c
Qg
VGS = 10 V
VDS = 20 V, ID = 30 A
-49.2
64
nC
Gate-source charge c
Qgs
-14.6
-
Gate-drain charge c
Qgd
-11.8
-
Gate resistance
Rg
f = 1 MHz
0.8
1.85
3
Ω
Turn-on delay time c
td(on)
VDD = 20 V, RL = 0.67
Ω
ID
≅ 30 A, VGEN = 10 V, Rg = 1 Ω
-15
22
ns
Rise time c
tr
-19
28
Turn-off delay time c
td(off)
-26
40
Fall time c
tf
-9
13
Source-Drain Diode Ratings and Characteristics b
Pulsed current a
ISM
--
385
A
Forward voltage
VSD
IF = 15 A, VGS = 0 V
-
-
1.1
V
Body diode reverse recovery time
trr
IF = 10 A, di/dt = 100 A/μs
-52
67
ns
Body diode reverse recovery charge
Qrr
-40
59
nC
Reverse recovery fall time
ta
-22
33
ns
Reverse recovery rise time
tb
-23
35
Body diode peak reverse recovery
current
IRM(REC)
-1.5
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com