Electronic Components Datasheet Search
  English  ▼

X  

74HCT192 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT192
Description  Presettable synchronous BCD decade up/down counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT192 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT192 Datasheet HTML 4Page - NXP Semiconductors 74HCT192 Datasheet HTML 5Page - NXP Semiconductors 74HCT192 Datasheet HTML 6Page - NXP Semiconductors 74HCT192 Datasheet HTML 7Page - NXP Semiconductors 74HCT192 Datasheet HTML 8Page - NXP Semiconductors 74HCT192 Datasheet HTML 9Page - NXP Semiconductors 74HCT192 Datasheet HTML 10Page - NXP Semiconductors 74HCT192 Datasheet HTML 11Page - NXP Semiconductors 74HCT192 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
December 1990
8
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT192
tW
up clock pulse width
HIGH or LOW
120
24
20
39
14
11
150
30
26
180
36
31
ns
2.0
4.5
6.0
Fig.7
tW
down clock pulse width
HIGH or LOW
140
28
24
50
18
14
175
35
30
210
42
36
ns
2.0
4.5
6.0
Fig.7
tW
master reset pulse width
HIGH
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.10
tW
parallel load pulse width
LOW
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.9
trem
removal time
PL to CPU, CPD
50
10
9
3
1
1
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.9
trem
removal time
MR to CPU, CPD
50
10
9
0
0
0
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.10
tsu
set-up time
Dn to PL
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.11 note:
CPU =CPD =
HIGH
th
hold time
Dn to PL
0
0
0
−14
−5
−4
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.11
th
hold time
CPU to CPD,
CPD to CPU
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.13
fmax
maximum up, down clock
pulse frequency
4.0
20
24
12
36
43
3.2
16
19
2.6
13
15
MHz
2.0
4.5
6.0
Fig.7
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max. min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com