Electronic Components Datasheet Search
  English  ▼

X  

UP03397 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # UP03397
Description  Silicon NPN epitaxial planar type (Tr1, Tr2)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP03397 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  UP03397 Datasheet HTML 1Page - Panasonic Semiconductor UP03397 Datasheet HTML 2Page - Panasonic Semiconductor UP03397 Datasheet HTML 3Page - Panasonic Semiconductor UP03397 Datasheet HTML 4Page - Panasonic Semiconductor UP03397 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UP03397
4
SJJ00296AED
Characteristics charts of Tr2
Cob  VCB
IO  VIN
VIN  IO
IC  VCE
VCE(sat)  IC
hFE  IC
0
−12
−2
−10
−4
−8
−6
0
−20
−60
−40
−80
−100
IB
= −500 µA
−200 µA
−300 µA
Ta
= 25°C
−100 µA
−400 µA
Collector-emitter voltage V
CE (V)
Collector current I
C (mA)
IC / IB
= 151
−10
−100
−1000
−1
−10
−100
−25°C
25
°C
Ta
= 85°C
0
− 0.1
100
50
150
200
250
−1
−10
−1000
−100
Collector current IC (mA)
VCE
= −10 V
Ta
= 85°C
25
°C
−25°C
0
−10
−20
−30
−40
1 0
1
Collector-base voltage V
CB (V)
f
= 1 MHz
Ta
= 25°C
− 0.1
−1
−10
−100
Input voltage V
IN (V)
VO
= −5 V
Ta
= 25°C
− 0.5
−2.0
−1.5
−1.0
− 0.1
−1
−10
−100
VO
= − 0.2 V
Ta
= 25°C
Output current I
O (mA)
− 0.1
−1
−10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com