Electronic Components Datasheet Search
  English  ▼

X  

74HC191D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC191D
Description  Presettable synchronous 4-bit binary up/down counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC191D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC191D Datasheet HTML 4Page - NXP Semiconductors 74HC191D Datasheet HTML 5Page - NXP Semiconductors 74HC191D Datasheet HTML 6Page - NXP Semiconductors 74HC191D Datasheet HTML 7Page - NXP Semiconductors 74HC191D Datasheet HTML 8Page - NXP Semiconductors 74HC191D Datasheet HTML 9Page - NXP Semiconductors 74HC191D Datasheet HTML 10Page - NXP Semiconductors 74HC191D Datasheet HTML 11Page - NXP Semiconductors 74HC191D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
December 1990
8
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
up/down counter
74HC/HCT191
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max. min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
72
26
21
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.10
tPHL/ tPLH
propagation delay
CP to TC
83
30
24
255
51
43
320
64
54
395
77
65
ns
2.0
4.5
6.0
Fig.10
tPHL/ tPLH
propagation delay
CP to RC
47
17
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.11
tPHL/ tPLH
propagation delay
CE to RC
33
12
10
130
26
22
165
33
28
195
39
33
ns
2.0
4.5
6.0
Fig.11
tPHL/ tPLH
propagation delay
Dn to Qn
61
22
18
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
PL to Qn
61
22
18
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.13
tPHL/ tPLH
propagation delay
U/D to TC
44
16
13
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.14
tPHL/ tPLH
propagation delay
U/D to RC
50
18
14
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.14
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.15
tW
clock pulse width
HIGH or LOW
125
25
21
28
10
8
155
31
26
195
39
33
ns
2.0
4.5
6.0
Fig.10
tW
parallel load pulse width
LOW
100
20
17
22
8
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com