Electronic Components Datasheet Search
  English  ▼

X  

74HC190DB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC190DB
Description  Presettable synchronous BCD decade up/down counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC190DB Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC190DB Datasheet HTML 1Page - NXP Semiconductors 74HC190DB Datasheet HTML 2Page - NXP Semiconductors 74HC190DB Datasheet HTML 3Page - NXP Semiconductors 74HC190DB Datasheet HTML 4Page - NXP Semiconductors 74HC190DB Datasheet HTML 5Page - NXP Semiconductors 74HC190DB Datasheet HTML 6Page - NXP Semiconductors 74HC190DB Datasheet HTML 7Page - NXP Semiconductors 74HC190DB Datasheet HTML 8Page - NXP Semiconductors 74HC190DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
December 1990
4
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT190
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
3, 2, 6, 7
Q0 to Q3
flip-flop outputs
4
CE
count enable input (active LOW)
5
U/D
up/down input
8
GND
ground (0 V)
11
PL
parallel load input (active LOW)
12
TC
terminal count output
13
RC
ripple clock output (active LOW)
14
CP
clock input (LOW-to-HIGH, edge-triggered)
15, 1, 10, 9
D0 to D3
data inputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com