Electronic Components Datasheet Search
  English  ▼

X  

BSC080N12LS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC080N12LS
Description  OptiMOSTM 3 Power-Transistor, 120 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC080N12LS Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC080N12LS Datasheet HTML 1Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 2Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 3Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 4Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 5Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 6Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 7Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 8Page - Infineon Technologies AG BSC080N12LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
BSC080N12LS
Rev.2.1,2022-11-09
Final Data Sheet
Pin 1
2
3
4
4
3
2
1
5
6
7
8
5
6
7
8
PG-TDSON-8
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTM3Power-Transistor,120V
Features
•N-channel,logiclevel
•ExcellentgatechargexRDS(on)product(FOM)
•Verylowon-resistanceRDS(on)
•150°Coperatingtemperature
•Pb-freeleadplating;RoHScompliant
•Idealforhigh-frequencyswitchingandsynchronousrectification
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
120
V
RDS(on),max
8.0
m
Ω
ID
99
A
Qoss
79
nC
QG(0V..10V)
79
nC
Type/OrderingCode
Package
Marking
RelatedLinks
BSC080N12LS
PG-TDSON-8
080N12LS
-


Similar Part No. - BSC080N12LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.25 2009-11-03
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
526Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSC080N03LSG INFINEON-BSC080N03LSG_13 Datasheet
526Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSC080N03MSG INFINEON-BSC080N03MSG Datasheet
299Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev.1.15 2009-11-03
logo
Analog Devices
BSC080N03MSG AD-BSC080N03MSG Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
More results

Similar Description - BSC080N12LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT030N12N3G INFINEON-IPT030N12N3G Datasheet
1Mb / 11P
OptiMOSTM 3 Power-Transistor, 120 V
Rev.2.1,2020-11-23
IPT017N12NM6 INFINEON-IPT017N12NM6 Datasheet
962Kb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-06
IPTC017N12NM6 INFINEON-IPTC017N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.1, 2022-12-13
ISC037N12NM6 INFINEON-ISC037N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC073N12LM6 INFINEON-ISC073N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
BSC120N12LS INFINEON-BSC120N12LS Datasheet
1Mb / 13P
OptiMOSTM 2 Power-Transistor, 120 V
Rev. 2.0, 2019-11-25
BSC0303LS INFINEON-BSC0303LS Datasheet
1Mb / 13P
OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.1, 2022-08-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com