Electronic Components Datasheet Search
  English  ▼

X  

CFH77 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CFH77
Description  GaAs HEMT For low noise front end amplifiers up to 20 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH77 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CFH77 Datasheet HTML 1Page - Infineon Technologies AG CFH77 Datasheet HTML 2Page - Infineon Technologies AG CFH77 Datasheet HTML 3Page - Infineon Technologies AG CFH77 Datasheet HTML 4Page - Infineon Technologies AG CFH77 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Book
1
03.00
GaAs HEMT
CFH 77
Target Data Sheet
•
Very low noise
•
Very high gain
•
For low noise front end amplifiers up to 20 GHz
•
For DBS down converters
ESD: Electrostatic discharge sensitive device, ob-
serve handling precautions!
Type
Marking
Ordering Code
(taped)
Package
1)
1)
Dimensions see Page 5.
CFH 77
t.b.d.
Q62702-G117
MW-4
Maximum Ratings
Symbol
Value
Unit
Drain-source voltage
V
DS
3.5
V
Drain-gate voltage
V
DG
4.5
V
Gate-source voltage
V
GS
– 3.0
V
Drain current
I
D
60
mA
Channel temperature
T
Ch
150
°C
Storage temperature range
T
stg
– 65 … + 150
°C
Total power dissipation (
T
S ≤ 51 °C)
1)
1)
T
S: Temperature measured at soldering point.
P
tot
180
mW
Thermal Resistance
Symbol
Value
Unit
Channel-soldering point source
R
thChS
550
K/W
MW-4


Similar Part No. - CFH77

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
5x20mm PCB fuse carriers
CFH02 CAMDENBOSS-CFH02 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
CFH02/W CAMDENBOSS-CFH02/W Datasheet
702Kb / 1P
5x20mm PCB fuse carriers
CFH02/W CAMDENBOSS-CFH02/W Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
CFH02H CAMDENBOSS-CFH02H Datasheet
702Kb / 1P
5x20mm PCB fuse carriers
More results

Similar Description - CFH77

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
CFY77 SIEMENS-CFY77 Datasheet
27Kb / 4P
AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC-ALH435 HITTITE-HMC-ALH435 Datasheet
209Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 5 - 20 GHz
logo
Mitsubishi Electric Sem...
MGF4936AM MITSUBISHI-MGF4936AM Datasheet
188Kb / 6P
Low Noise GaAs HEMT
MGF4953A MITSUBISHI-MGF4953A_11 Datasheet
141Kb / 5P
Low Noise GaAs HEMT
MGF4953B MITSUBISHI-MGF4953B_11 Datasheet
159Kb / 6P
Low Noise GaAs HEMT
MGF4964BL MITSUBISHI-MGF4964BL Datasheet
229Kb / 5P
Low Noise GaAs HEMT
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
BFR193W INFINEON-BFR193W_14 Datasheet
660Kb / 6P
For low noise, high-gain amplifiers up to 2 GHz
2014-04-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com