Electronic Components Datasheet Search
  English  ▼

X  

AWSCR-CPLA Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWSCR-CPLA
Description  Miniature Ceramic Resonator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CPLA Datasheet(HTML) 1 Page - Abracon Corporation

  AWSCR-CPLA Datasheet HTML 1Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 2Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 3Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 4Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 5Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Miniature Ceramic Resonator
6.0 x 3.0 x 1.8 mm
RoHS/RoHS II Compliant
Pb in ceramic, exemption (7c-I)
This product is not Moisture Sensitive - MSL = 1
AWSCR-CPLA
Features
Applications
Electrical Specifications
Parameters
Min
Typ.
Max
Units
Notes
Frequency Range
1.84
12.00
MHz
Resonant Impedance (Ro)
100
Ω
1.84 MHz – 2.99 MHz
50
3.00 MHz – 3.49 MHz
30
3.50 MHz – 12.00 MHz
Standard Built-in Capacitance (C1=C2)
30
pF
1.84 MHz – 8.00 MHz
(Tol 1pF ± 20%)
Other options: 10, 15, 22, 33, 39. 47
15
8.01 MHz – 12.00 MHz
(Tol 1pF ± 20%)
Other options: 10, 22, 30, 33, 39. 47
Frequency Tolerance
-0.5
0.5
%
Frequnecy Stability
-0.3
0.3
%
2.00-8.00 MHz
-0.2
0.2
%
8.01-12.00 MHz
Withstanding Voltage
100
V
DC, 5 s max
Voltage Rating
(1) D.C. Voltage
6
V
(2) A.C. Voltage
15
Vp-p
Insulation Resistance (Ri)
500
MΩ
10V, 1 min.
Operation Temperature
-40
+85
ºC
Storage Temperature
-55
+85
ºC
Aging Rate max (Fosc) *
-0.1
0.1
%
From Initial value
* Components shall be left in a chamber of +85 ºC ± 2 ºC for 1000 hours, then measured after leaving in natural condition for 1 hours.
• Industry standard footprint
• Low resonance impedance
• Built-in capacitance options
• Wide operating temperatures in extended
industry range
• Metering systems
• Remote control
• Microprocessor
• Industrial control
• Electric appliances
REVISED: 0
7-30-2021


Similar Part No. - AWSCR-CPLA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-CPLB ABRACON-AWSCR-CPLB Datasheet
668Kb / 6P
Miniature Ceramic Resonator
04-19-19
More results

Similar Description - AWSCR-CPLA

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
Ceramic Resonator
logo
Tiger Electronic Co.,Lt...
ZTT10.00MT TGS-ZTT10.00MT Datasheet
183Kb / 5P
CERAMIC RESONATOR
ZTT20.00MX TGS-ZTT20.00MX Datasheet
208Kb / 5P
CERAMIC RESONATOR
logo
Abracon Corporation
AWSCR-CELA ABRACON-AWSCR-CELA Datasheet
826Kb / 6P
Miniature Ceramic Resonator
04-17-19
AWSCR-CELB ABRACON-AWSCR-CELB Datasheet
744Kb / 6P
Miniature Ceramic Resonator
04-11-19
AWSCR-CPLB ABRACON-AWSCR-CPLB Datasheet
668Kb / 6P
Miniature Ceramic Resonator
04-19-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com