Electronic Components Datasheet Search
  English  ▼

X  

74HC238 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC238
Description  3-to-8 line decoder/demultiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC238 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC238 Datasheet HTML 1Page - NXP Semiconductors 74HC238 Datasheet HTML 2Page - NXP Semiconductors 74HC238 Datasheet HTML 3Page - NXP Semiconductors 74HC238 Datasheet HTML 4Page - NXP Semiconductors 74HC238 Datasheet HTML 5Page - NXP Semiconductors 74HC238 Datasheet HTML 6Page - NXP Semiconductors 74HC238 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
3-to-8 line decoder/demultiplexer
74HC/HCT238
FEATURES
• Demultiplexing capability
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Active HIGH mutually exclusive outputs
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT238 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT238 decoders accept three binary
weighted address inputs (A0, A1, A2) and when enabled,
provide 8 mutually exclusive active HIGH outputs
(Y0 to Y7).
The “238” features three enable inputs: two active LOW
(E1 and E2) and one active HIGH (E3). Every output will be
LOW unless E1 and E2 are LOW and E3 is HIGH.
This multiple enable function allows easy parallel
expansion of the “238” to a 1-of-32 (5 lines to 32 lines)
decoder with just four “238” ICs and one inverter.
The “238” can be used as an eight output demultiplexer by
using one of the active LOW enable inputs as the data
input and the remaining enable inputs as strobes. Unused
enable inputs must be permanently tied to their
appropriate active HIGH or LOW state.
The “238” is identical to the “138” but has non-inverting
outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
An to Yn
14
18
ns
E3 to Yn
16
20
ns
En to Yn
17
21
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
72
76
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com