Electronic Components Datasheet Search
  English  ▼

X  

74HCT237 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT237
Description  3-to-8 line decoder/demultiplexer with address latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT237 Datasheet(HTML) 8 Page - NXP Semiconductors

  74HCT237 Datasheet HTML 1Page - NXP Semiconductors 74HCT237 Datasheet HTML 2Page - NXP Semiconductors 74HCT237 Datasheet HTML 3Page - NXP Semiconductors 74HCT237 Datasheet HTML 4Page - NXP Semiconductors 74HCT237 Datasheet HTML 5Page - NXP Semiconductors 74HCT237 Datasheet HTML 6Page - NXP Semiconductors 74HCT237 Datasheet HTML 7Page - NXP Semiconductors 74HCT237 Datasheet HTML 8Page - NXP Semiconductors 74HCT237 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
December 1990
8
Philips Semiconductors
Product specification
3-to-8 line decoder/demultiplexer with
address latches
74HC/HCT237
AC WAVEFORMS
Fig.6
Waveforms showing the address input (An)
and enable inputs (E2, LE) to output (Yn)
propagation delays and the output transition
times.
(1) HC : VM = 50%; VI = GND to VCC .
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the enable input (E1) to
output (Yn) propagation delays and the
output transition times.
(1) HC : VM = 50%; VI = GND to VCC .
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8 Waveforms showing the data set-up, hold times for An input to LE input and the latch enable pulse width.
The shaded areas indicate when the input is permitted
to change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC .
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com