Electronic Components Datasheet Search
  English  ▼

X  

HSMF-C656 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMF-C656
Description  Bicolor Surface Mount Chip LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMF-C656 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMF-C656 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMF-C656 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMF-C656 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMF-C656 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMF-C656 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMF-C656 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMF-C656 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMF-C656 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Optical Characteristics at TA = 25°C
Luminous
Color
Viewing
Intensity IV
Peak
Dominant
Angle
Luminous
(mcd) @
Wavelength
Wavelength
2
θ1/
2
Efficacy
IF = 20 mA
λpeak (nm)
λd[1] (nm)
(degrees)[2]
ηV
Color
Min.
Typ.
Typ.
Typ.
Typ.
(lm/W)[3]
High
1.6
5.0
639
626
155
145
Efficiency Red
Orange
1.6
4.0
606
604
155
380
Yellow
1.6
5.0
584
586
155
500
Green
4.0
9.0
570
572
155
595
Notes:
1. The dominant wavelength,
λd, is derived from the 1931 CIE chromaticity diagram and represents the perceived color of the device
with respect to standard illuminant D65.
2.
θ1/
2 is the off-axis angle where the luminous intensity if
1/2 the peak intensity.
3. The luminous efficacy,
ηV, is the ratio of luminous flux to radiant flux, φV/φe.
Electrical Characteristics at TA = 25°C
Reverse
Capacitance
Breakdown
C (pF)
Thermal
Forward Voltage VF
VR (Volts) @
VF = 0,
Resistance
(Volts) @ IF = 20 mA
IR = 100
µA
f = 1 MHz
R
θJ-Pin
Color
Typ.
Max.
Min.
Typ.
(
°C/W)
High Efficiency Red
1.9
2.6
5
4
325
Orange
2.1
2.6
5
4
325
Yellow
2.1
2.6
5
3
325
Green
2.2
3.0
5
8
325



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com