Electronic Components Datasheet Search
  English  ▼

X  

MPS6729 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS6729
Description  One Watt Amplifier Transistor (PNP Silicon)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6729 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS6729 Datasheet HTML 1Page - ON Semiconductor MPS6729 Datasheet HTML 2Page - ON Semiconductor MPS6729 Datasheet HTML 3Page - ON Semiconductor MPS6729 Datasheet HTML 4Page - ON Semiconductor MPS6729 Datasheet HTML 5Page - ON Semiconductor MPS6729 Datasheet HTML 6Page - ON Semiconductor MPS6729 Datasheet HTML 7Page - ON Semiconductor MPS6729 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPS6729
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (Note 1.)
(IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–80
–
Vdc
Collector–Base Breakdown Voltage
(IC = 0.1 mA, IE = 0)
V(BR)CBO
–80
–
Vdc
Emitter–Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
–
Vdc
Collector Cutoff Current
(VCB = –60 Vdc, IE = 0)
ICBO
–
–0.1
µAdc
Emitter Cutoff Current
(VEB = –5.0 Vdc, IC = 0)
IEBO
–
–10
µAdc
ON CHARACTERISTICS (Note 1.)
DC Current Gain
(IC = –50 mAdc, VCE = –1.0 Vdc)
(IC = –250 mAdc, VCE = –1.0 Vdc)
hFE
80
50
–
250
–
Collector–Emitter Saturation Voltage
(IC = –250 mAdc, IB = –10 mAdc)
VCE(sat)
–
–0.5
Vdc
Base–Emitter On Voltage
(IC = –250 mAdc, VCE = –1.0 Vdc)
VBE(on)
–
–1.2
Vdc
SMALL–SIGNAL CHARACTERISTICS
Collector–Base Capacitance
(VCB = –10 Vdc, f = 1.0 MHz)
Ccb
–
30
pF
Small–Signal Current Gain
(IC = 200 mA, VCE = 5.0 V, f = 20 MHz)
hfe
2.5
25
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com