Electronic Components Datasheet Search
  English  ▼

X  

TLK2201B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201B
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201B Datasheet(HTML) 4 Page - Texas Instruments

  TLK2201B Datasheet HTML 1Page - Texas Instruments TLK2201B Datasheet HTML 2Page - Texas Instruments TLK2201B Datasheet HTML 3Page - Texas Instruments TLK2201B Datasheet HTML 4Page - Texas Instruments TLK2201B Datasheet HTML 5Page - Texas Instruments TLK2201B Datasheet HTML 6Page - Texas Instruments TLK2201B Datasheet HTML 7Page - Texas Instruments TLK2201B Datasheet HTML 8Page - Texas Instruments TLK2201B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLK2201B, TLK2201BI
ETHERNET TRANSCEIVERS
SLLS585 − NOVEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
transmission latency
Data transmission latency is defined as the delay from the initial 10-bit word load to the serial transmission of
bit 9. The minimum latency in TBI mode is 19 bit times. The maximum latency in TBI mode is 20 bit times. The
minimum latency in DDR mode is 29 bit times, and maximum latency in DDR mode is 30 bit times.
10 Bit Code
TXP, TXN
TD(0−9)
REFCLK
td(Tx latency)
10 Bit Code
b9
Figure 1. Transmitter Latency Full Rate Mode
data reception
The receiver portion deserializes the differential serial data. The serial data is retimed based on an interpolated
clock generated from the reference clock. The serial data is then aligned to the 10-bit word boundaries and
presented to the protocol controller along with receive byte clocks (RBC0, RBC1).
receiver clock select mode
There are two modes of operation for the parallel busses. 1)The 10-bit (TBI) mode and 2) 5-bit (DDR) mode.
When in TBI mode, there are two user-selectable clock modes that are controlled by the RBCMODE terminal.
1) Full-rate clock on RBC0 and 2) Half-rate clocks on RBC0 and RBC1. When in the DDR mode, only a full-rate
clock is available on RBC0; refer to Table 1.
Table 1. Mode Selection
MODESEL
RBCMODE
MODE
FREQUENCY
(TLK2201B)
FREQUENCY
(TLK2201BI)
0
0
TBI half-rate
100−125 MHz
120−125 MHz
0
1
TBI full-rate
100−160 MHz
120−160 MHz
1
0
DDR
100−125 MHz
120−125 MHz
1
1
DDR
100−125 MHz
120−125 MHz
In the half-rate mode, two receive byte clocks (RBC0 and RBC1) are 180 degrees out of phase and operate
at one-half the data rate. The clocks are generated by dividing down the recovered clock. The received data
is output with respect to the two receive byte clocks (RBC0, RBC1) allowing a protocol device to clock the
parallel bytes using the RBC0 and RBC1 rising edges. The outputs to the protocol device, byte 0 of the received
data valid on the rising edge of RBC1. Refer to the timing diagram shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com