Electronic Components Datasheet Search
  English  ▼

X  

TLK2201BIRCP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201BIRCP
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201BIRCP Datasheet(HTML) 2 Page - Texas Instruments

  TLK2201BIRCP Datasheet HTML 1Page - Texas Instruments TLK2201BIRCP Datasheet HTML 2Page - Texas Instruments TLK2201BIRCP Datasheet HTML 3Page - Texas Instruments TLK2201BIRCP Datasheet HTML 4Page - Texas Instruments TLK2201BIRCP Datasheet HTML 5Page - Texas Instruments TLK2201BIRCP Datasheet HTML 6Page - Texas Instruments TLK2201BIRCP Datasheet HTML 7Page - Texas Instruments TLK2201BIRCP Datasheet HTML 8Page - Texas Instruments TLK2201BIRCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLK2201B, TLK2201BI
ETHERNET TRANSCEIVERS
SLLS585 − NOVEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The primary application of these devices is to provide building blocks for point-to-point baseband data
transmission over controlled impedance media of 50
Ω or 75 Ω. The transmission media can be printed-circuit
board traces, copper cables or fiber-optical media. The ultimate rate and distance of data transfer is dependent
upon the attenuation characteristics of the media and the noise coupling to the environment.
The TLK2201B and TLK2201BI perform the data serialization, deserialization, and clock extraction functions
for a physical layer interface device. The transceiver operates at 1.25 Gbps (typical), providing up to 1 Gbps
of data bandwidth over a copper or optical media interface.
The TLK2201B and TLK2201BI support both the defined 10-bit interface (TBI) and a reduced 5-bit interface
utilizing double data rate (DDR) clocking. In the TBI mode the serializer/deserializer (SERDES) accepts 10-bit
wide 8b/10b parallel encoded data bytes. The parallel data bytes are serialized and transmitted differentially
at PECL compatible voltage levels. The SERDES extracts clock information from the input serial stream and
deserializes the data, outputting a parallel 10-bit data byte.
In the DDR mode the parallel interface accepts 5-bit wide 8b/10b encoded data aligned to both the rising and
falling edge of the reference clock. The data is clocked most significant bit first, (bits 0 − 4 of the 8b/10b encoded
data) on the rising edge of the clock and the least significant bits (bits 5 − 9 of the 8b/10b encoded data) are
clocked on the falling edge of the clock.
The TLK2201B and TLK2201BI provide a comprehensive series of built-in tests for self-test purposes including
loopback and pseudorandom binary sequence (PRBS) generation and verification. An IEEE 1149.1 JTAG port
is also supported.
The TLK2201B and TLK2201BI are housed in a high performance, thermally enhanced, 64-pin VQFP
PowerPAD package. Use of the PowerPAD package does not require any special considerations except to note
that the PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. It is recommended that the TLK2201B and TLK2201BI PowerPADs be soldered to the thermal land
on the board.
The TLK2201B is characterized for operation from 0
°C to 70°C. The TLK2201BI is characterized for operation
from −40
°C to 85°C.
The TLK2201B and TLK2201BI use a 2.5-V supply. The I/O section is 3.3-V compatible. With the 2.5-V supply
the chipset is very power-efficient, dissipating less than 200 mW typical power when operating at 1.25 Gbps.
The TLK2201B and TLK2201BI are designed to be hot plug capable. A power-on reset causes RBC0, RBC1,
the parallel output signal terminals, TXP, and TXN to be held in high-impedance state.
differences between TLK2201B, TLK2201BI, and TNETE2201
The TLK2201B and TLK2201BI are the functional equivalent of the TNETE2201. There are several differences
between the devices as noted below. Refer to Figure 12 in the application information section for an example
of a typical application circuit.
D The VCC is 2.5 V for the TLK2201B and TLK2201BI vs 3.3 V for TNETE2201.
D The PLL filter capacitors on pins 16, 17, 48, and 49 of the TNETE2201 are no longer required. The
TLK2201B and TLK2201BI uses these pins to provide added test capabilities. The capacitors, if present,
do not affect the operation of the device.
D No pulldown resistors are required on the TXP/TXN outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com