Electronic Components Datasheet Search
  English  ▼

X  

TLK2201BIRCPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201BIRCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201BIRCPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK2201BIRCPR Datasheet HTML 2Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 3Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 4Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 5Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 6Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 7Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 8Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 9Page - Texas Instruments TLK2201BIRCPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLK2201B, TLK2201BI
ETHERNET TRANSCEIVERS
SLLS585 − NOVEMBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receiver word alignment
These devices use the IEEE 802.3 Gigabit Ethernet defined 10-bit K28.5 character (comma character) word
alignment scheme. The following sections explain how this scheme works and how it realigns itself.
comma character on expected boundary
These devices provide 10-bit K28.5 character recognition and word alignment. The 10-bit word alignment is
enabled by forcing the SYNCEN terminal high. This enables the function that examines and compares serial
input data to the seven bit synchronization pattern. The K28.5 character is defined by the 8-bit/10-bit coding
scheme as a pattern consisting of 0011111010 (a negative number beginning with disparity) with the 7 MSBs
(0011111), referred to as the comma character. The K28.5 character was implemented specifically for aligning
data words. As long as the K28.5 character falls within the expected 10-bit boundary, the received 10-bit data
is properly aligned and data realignment is not required. Figure 2 shows the timing characteristics of RBC0,
RBC1, SYNC and RD0−RD9 while synchronized. (Note: the K28.5 character is valid on the rising edge of
RBC1).
comma character not on expected boundary
If synchronization is enabled and a K28.5 character straddles the expected 10-bit word boundary, then word
realignment is necessary. Realignment or shifting the 10-bit word boundary truncates the character following
the misaligned K28.5, but the following K28.5 and all subsequent data is aligned properly as shown in
Figure 5. The RBC0 and RBC1 pulse widths are stretched or stalled in their current state during realignment.
With this design the maximum stretch that occurs is 20 bit times. This occurs during a worst case scenario when
the K28.5 is aligned to the falling edge of RBC1 instead of the rising edge. Figure 5 shows the timing
characteristics of the data realignment.
DXX.X
K28.5
DXX.X
DXX.X
K28.5
K28.5
DXX.X
DXX.X
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
DXX.X
K28.5
K28.5
DXX.X
DXX.X
31 Bit
Times
Max Receive
Path Latency
Worst Case
Misaligned K28.5
Misalignment Corrected
INPUT DATA
RBC0
RBC1
RD(0−9)
SYNC
Corrupt Data
30 Bit
Times (Max)
Figure 5. Word Realignment Timing Characteristics Waveforms
Systems that do not require framed data may disable byte alignment by tying SYNCEN low.
When a SYNC character is detected, the SYNC signal is brought high and is aligned with the K28.5 character.
The duration of the SYNC pulse is equal to the duration of the data when in TBI mode. When in DDR mode the
SYNC pulse is present for the entire RBC0 period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com